전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AFE4490 데이터시트(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
부품명 AFE4490
상세설명  Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 데이터시트(HTML) 61 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 57Page - Texas Instruments AFE4490 Datasheet HTML 58Page - Texas Instruments AFE4490 Datasheet HTML 59Page - Texas Instruments AFE4490 Datasheet HTML 60Page - Texas Instruments AFE4490 Datasheet HTML 61Page - Texas Instruments AFE4490 Datasheet HTML 62Page - Texas Instruments AFE4490 Datasheet HTML 63Page - Texas Instruments AFE4490 Datasheet HTML 64Page - Texas Instruments AFE4490 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 69 page
background image
AFE4400
www.ti.com
SBAS601D – DECEMBER 2012 – REVISED MAY 2013
DIAG: Diagnostics Flag Register (Address = 30h, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
0
0
0
0
0
0
0
0
0
0
0
PD_ALM
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
LED_
LED1
LED2
OUTPSH
OUTNSH
INNSC
INPSC
INNSC
INPSC
LEDSC
PDOC
PDSC
ALM
OPEN
OPEN
GND
GND
GND
GND
LED
LED
This register is read only. This register contains the status of all diagnostic flags at the end of the diagnostics
sequence. The end of the diagnostics sequence is indicated by the signal going high on DIAG_END pin.
Bits D[23:13]
Read only
Bit D12
PD_ALM: Power-down alarm status diagnostic flag
This bit indicates the status of PD_ALM (and the PD_ALM pin).
0 = No fault (default after reset)
1 = Fault present
Bit D11
LED_ALM: LED alarm status diagnostic flag
This bit indicates the status of LED_ALM (and the LED_ALM pin).
0 = No fault (default after reset)
1 = Fault present
Bit D10
LED1OPEN: LED1 open diagnostic flag
This bit indicates that LED1 is open.
0 = No fault (default after reset)
1 = Fault present
Bit D9
LED2OPEN: LED2 open diagnostic flag
This bit indicates that LED2 is open.
0 = No fault (default after reset)
1 = Fault present
Bit D8
LEDSC: LED short diagnostic flag
This bit indicates an LED short.
0 = No fault (default after reset)
1 = Fault present
Bit D7
OUTPSHGND: OUTP to GND diagnostic flag
This bit indicates that OUTP is shorted to the GND cable.
0 = No fault (default after reset)
1 = Fault present
Bit D6
OUTNSHGND: OUTN to GND diagnostic flag
This bit indicates that OUTN is shorted to the GND cable.
0 = No fault (default after reset)
1 = Fault present
Bit D5
PDOC: PD open diagnostic flag
This bit indicates that PD is open.
0 = No fault (default after reset)
1 = Fault present
Bit D4
PDSC: PD short diagnostic flag
This bit indicates a PD short.
0 = No fault (default after reset)
1 = Fault present
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
61
Product Folder Links: AFE4400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com