전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AFE4490 데이터시트(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
부품명 AFE4490
상세설명  Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 데이터시트(HTML) 46 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 42Page - Texas Instruments AFE4490 Datasheet HTML 43Page - Texas Instruments AFE4490 Datasheet HTML 44Page - Texas Instruments AFE4490 Datasheet HTML 45Page - Texas Instruments AFE4490 Datasheet HTML 46Page - Texas Instruments AFE4490 Datasheet HTML 47Page - Texas Instruments AFE4490 Datasheet HTML 48Page - Texas Instruments AFE4490 Datasheet HTML 49Page - Texas Instruments AFE4490 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 69 page
background image
AFE4400
SBAS601D – DECEMBER 2012 – REVISED MAY 2013
www.ti.com
LED1ENDC: Sample LED1 End Count (Address = 08h, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
0
0
0
0
0
0
0
0
LED1ENDC[15:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
LED1ENDC[15:0]
This register sets the end timing value for the LED1 signal sample.
Bits D[23:17]
Must be '0'
Bits D[16:0]
LED1ENDC[15:0]: Sample LED1 end count
The contents of this register can be used to position the end of the sample LED1 signal with
respect to the PRP, as specified in the PRPCOUNT register. The count is specified as the
number of
4-MHz clock cycles. Refer to the Using the Timer Module section for details.
LED1LEDSTC: LED1 LED Start Count Register (Address = 09h, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
0
0
0
0
0
0
0
0
LED1LEDSTC[15:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
LED1LEDSTC[15:0]
This register sets the start timing value for when the LED1 signal turns on.
Bits D[23:16]
Must be '0'
Bits D[15:0]
LED1LEDSTC[15:0]: LED1 start count
The contents of this register can be used to position the start of the LED1 signal with respect
to the PRP, as specified in the PRPCOUNT register. The count is specified as the number
of 4-MHz clock cycles. Refer to the Using the Timer Module section for details.
LED1LEDENDC: LED1 LED End Count Register (Address = 0Ah, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
0
0
0
0
0
0
0
0
LED1LEDENDC[15:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
LED1LEDENDC[15:0]
This register sets the end timing value for when the LED1 signal turns off.
Bits D[23:16]
Must be '0'
Bits D[15:0]
LED1LEDENDC[15:0]: LED1 end count
The contents of this register can be used to position the end of the LED1 signal with respect
to the PRP, as specified in the PRPCOUNT register. The count is specified as the number
of 4-MHz clock cycles. Refer to the Using the Timer Module section for details.
46
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE4400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com