전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AFE4490 데이터시트(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
부품명 AFE4490
상세설명  Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 데이터시트(HTML) 53 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 49Page - Texas Instruments AFE4490 Datasheet HTML 50Page - Texas Instruments AFE4490 Datasheet HTML 51Page - Texas Instruments AFE4490 Datasheet HTML 52Page - Texas Instruments AFE4490 Datasheet HTML 53Page - Texas Instruments AFE4490 Datasheet HTML 54Page - Texas Instruments AFE4490 Datasheet HTML 55Page - Texas Instruments AFE4490 Datasheet HTML 56Page - Texas Instruments AFE4490 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
AFE4400
www.ti.com
SBAS601D – DECEMBER 2012 – REVISED MAY 2013
PRPCOUNT: Pulse Repetition Period Count Register (Address = 1Dh, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
0
0
0
0
0
0
0
0
PRPCOUNT[15:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
PRPCOUNT[15:0]
This register sets the device pulse repetition period count.
Bits D[23:16]
Must be '0'
Bits D[15:0]
PRPCOUNT[15:0]: Pulse repetition period count
The contents of this register can be used to set the pulse repetition period (in number of
clock cycles of the 4-MHz clock).
CONTROL1: Control Register 1 (Address = 1Eh, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
0
0
0
0
0
0
0
0
0
0
0
0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
CLKALMPIN[2:0]
TIMEREN
0
0
0
0
0
0
1
0
This register configures the clock alarm pin and timer.
Bits D[23:12]
Must be '0'
Bits D[11:9]
CLKALMPIN[2:0]: Clocks on ALM pins
Internal clocks can be brought to the PD_ALM and LED_ALM pins for monitoring.
Note that the CLKALMPIN[2:0] register bits must be set before using this register bit.
Table 5 defines the settings for the two alarm pins.
Bit D8
TIMEREN: Timer enable
0 = Timer module is disabled and all internal clocks are off (default after reset)
1 = Timer module is enabled
Bits D[7:2]
Must be '0'
Bit D1
Must be '1'
Bit D0
Must be '0'
Table 5. PD_ALM and LED_ALM Pin Settings
CLKALMPIN[2:0]
PD_ALM PIN SIGNAL
LED_ALM PIN SIGNAL
000
Sample LED2
Sample LED1
001
LED2 pulse
LED1 pulse
010
Sample LED2
Sample LED1 pulse
011
LED2 convert
LED1 convert
100
LED2 ambient
LED1 ambient
101
No output
No output
110
No output
No output
111
No output
No output
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: AFE4400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com