전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AFE4490 데이터시트(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
부품명 AFE4490
상세설명  Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 데이터시트(HTML) 51 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 47Page - Texas Instruments AFE4490 Datasheet HTML 48Page - Texas Instruments AFE4490 Datasheet HTML 49Page - Texas Instruments AFE4490 Datasheet HTML 50Page - Texas Instruments AFE4490 Datasheet HTML 51Page - Texas Instruments AFE4490 Datasheet HTML 52Page - Texas Instruments AFE4490 Datasheet HTML 53Page - Texas Instruments AFE4490 Datasheet HTML 54Page - Texas Instruments AFE4490 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
AFE4400
www.ti.com
SBAS601D – DECEMBER 2012 – REVISED MAY 2013
ADCRSTSTCT1: ADC Reset 1 Start Count Register (Address = 17h, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
0
0
0
0
0
0
0
0
ADCRSTSTCT1[15:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ADCRSTSTCT1[15:0]
This register sets the start position of the ADC1 reset conversion signal.
Bits D[23:16]
Must be '0'
Bits D[15:0]
ADCRSTSTCT1[15:0]: ADC RESET 1 start count
The contents of this register can be used to position the start of the ADC reset conversion.
Refer to the Using the Timer Module section for details.
ADCRSTENDCT1: ADC Reset 1 End Count Register (Address = 18h, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
0
0
0
0
0
0
0
0
ADCRSTENDCT1[15:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ADCRSTENDCT1[15:0]
This register sets the end position of the ADC1 reset conversion signal.
Bits D[23:16]
Must be '0'
Bits D[15:0]
ADCRSTENDCT1[15:0]: ADC RESET 1 end count
The contents of this register can be used to position the end of the ADC reset conversion.
Refer to the Using the Timer Module section for details.
ADCRSTSTCT2: ADC Reset 2 Start Count Register (Address = 19h, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
0
0
0
0
0
0
0
0
ADCRSTSTCT2[15:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ADCRSTSTCT2[15:0]
This register sets the start position of the ADC2 reset conversion signal.
Bits D[23:16]
Must be '0'
Bits D[15:0]
ADCRSTSTCT2[15:0]: ADC RESET 2 start count
The contents of this register can be used to position the start of the ADC reset conversion.
Refer to the Using the Timer Module section for details.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Links: AFE4400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com