전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AFE4490 데이터시트(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
부품명 AFE4490
상세설명  Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 데이터시트(HTML) 60 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 56Page - Texas Instruments AFE4490 Datasheet HTML 57Page - Texas Instruments AFE4490 Datasheet HTML 58Page - Texas Instruments AFE4490 Datasheet HTML 59Page - Texas Instruments AFE4490 Datasheet HTML 60Page - Texas Instruments AFE4490 Datasheet HTML 61Page - Texas Instruments AFE4490 Datasheet HTML 62Page - Texas Instruments AFE4490 Datasheet HTML 63Page - Texas Instruments AFE4490 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 69 page
background image
AFE4400
SBAS601D – DECEMBER 2012 – REVISED MAY 2013
www.ti.com
LED1VAL: LED1 Digital Sample Value Register (Address = 2Ch, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
LED1VAL[23:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
LED1VAL[23:0]
Bits D[23:0]
LED1VAL[23:0]: LED1 digital value
This register contains the digital value of the latest LED1 sample converted by the ADC. The
ADC_RDY signal goes high each time that the contents of this register are updated. The
host processor must readout this register before the next sample is converted by the AFE.
ALED1VAL: Ambient LED1 Digital Sample Value Register (Address = 2Dh, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
ALED1VAL[23:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ALED1VAL[23:0]
Bits D[23:0]
ALED1VAL[23:0]: LED1 ambient digital value
This register contains the digital value of the latest LED1 ambient sample converted by the
ADC. The ADC_RDY signal goes high each time that the contents of this register are
updated. The host processor must readout this register before the next sample is converted
by the AFE.
LED2-ALED2VAL: LED2-Ambient LED2 Digital Sample Value Register
(Address = 2Eh, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
LED2-ALED2VAL[23:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
LED2-ALED2VAL[23:0]
Bits D[23:0]
LED2-ALED2VAL[23:0]: (LED2 – LED2 ambient) digital value
This register contains the digital value of the LED2 sample after the LED2 ambient is
subtracted. The host processor must readout this register before the next sample is
converted by the AFE.
Note that this value is inverted when compared to waveforms shown in many publications.
LED1-ALED1VAL: LED1-Ambient LED1 Digital Sample Value Register
(Address = 2Fh, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
LED1-ALED1VAL[23:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
LED1-ALED1VAL[23:0]
Bits D[23:0]
LED1-ALED1VAL[23:0]: (LED1 – LED1 ambient) digital value
This register contains the digital value of the LED1 sample after the LED1 ambient is
subtracted from it. The host processor must readout this register before the next sample is
converted by the AFE.
Note that this value is inverted when compared to waveforms shown in many publications.
60
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE4400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com