전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AFE4490 데이터시트(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
부품명 AFE4490
상세설명  Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 데이터시트(HTML) 50 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 46Page - Texas Instruments AFE4490 Datasheet HTML 47Page - Texas Instruments AFE4490 Datasheet HTML 48Page - Texas Instruments AFE4490 Datasheet HTML 49Page - Texas Instruments AFE4490 Datasheet HTML 50Page - Texas Instruments AFE4490 Datasheet HTML 51Page - Texas Instruments AFE4490 Datasheet HTML 52Page - Texas Instruments AFE4490 Datasheet HTML 53Page - Texas Instruments AFE4490 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 69 page
background image
AFE4400
SBAS601D – DECEMBER 2012 – REVISED MAY 2013
www.ti.com
ALED1CONVEND: LED1 Ambient Convert End Count Register (Address = 14h, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
0
0
0
0
0
0
0
0
ALED1CONVEND[15:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ALED1CONVEND[15:0]
This register sets the end timing value for the ambient LED1 conversion.
Bits D[23:16]
Must be '0'
Bits D[15:0]
ALED1CONVEND[15:0]: LED1 ambient convert end count
The contents of this register can be used to position the end of the LED1 ambient
conversion signal with respect to the PRP. The count is specified as the number of 4-MHz
clock cycles. Refer to the Using the Timer Module section for details.
ADCRSTCNT0: ADC Reset 0 Start Count Register (Address = 15h, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
0
0
0
0
0
0
0
0
ADCRSTCNT0[15:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ADCRSTCNT0[15:0]
This register sets the start position of the ADC0 reset conversion signal.
Bits D[23:16]
Must be '0'
Bits D[15:0]
ADCRSTCNT0[15:0]: ADC RESET 0 start count
The contents of this register can be used to position the start of the ADC reset conversion
signal (default value after reset is 0000h). Refer to the Using the Timer Module section for
details.
ADCRSTENDCT0: ADC Reset 0 End Count Register (Address = 16h, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
0
0
0
0
0
0
0
0
ADCRSTENDCT0[15:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ADCRSTENDCT0[15:0]
This register sets the end position of the ADC0 reset conversion signal.
Bits D[23:16]
Must be '0'
Bits D[15:0]
ADCRSTENDCT0[15:0]: ADC RESET 0 end count
The contents of this register can be used to position the end of the ADC reset conversion
signal (default value after reset is 0000h). Refer to the Using the Timer Module section for
details.
50
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE4400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com