전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56366P 데이터시트(PDF) 22 Page - NXP Semiconductors

부품명 DSP56366P
상세설명  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366P 데이터시트(HTML) 22 Page - NXP Semiconductors

Back Button DSP56366P Datasheet HTML 18Page - NXP Semiconductors DSP56366P Datasheet HTML 19Page - NXP Semiconductors DSP56366P Datasheet HTML 20Page - NXP Semiconductors DSP56366P Datasheet HTML 21Page - NXP Semiconductors DSP56366P Datasheet HTML 22Page - NXP Semiconductors DSP56366P Datasheet HTML 23Page - NXP Semiconductors DSP56366P Datasheet HTML 24Page - NXP Semiconductors DSP56366P Datasheet HTML 25Page - NXP Semiconductors DSP56366P Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
2-18
Freescale Semiconductor
2.10
Enhanced Serial Audio Interface_1
Table 2-12 Enhanced Serial Audio Interface_1 Signals
Signal
Name
Signal Type
State during
Reset
Signal Description
FSR_1
Input or output
GPIO
disconnected
Frame Sync for Receiver_1—This is the receiver frame sync input/output
signal. In the asynchronous mode (SYN=0), the FSR pin operates as the
frame sync input or output used by all the enabled receivers. In the
synchronous mode (SYN=1), it operates as either the serial flag 1 pin
(TEBE=0), or as the transmitter external buffer enable control (TEBE=1,
RFSD=1).
When this pin is configured as serial flag pin, its direction is determined by
the RFSD bit in the RCCR register. When configured as the output flag OF1,
this pin will reflect the value of the OF1 bit in the SAICR register, and the
data in the OF1 bit will show up at the pin synchronized to the frame sync in
normal mode or the slot in network mode. When configured as the input flag
IF1, the data value at the pin will be stored in the IF1 bit in the SAISR
register, synchronized by the frame sync in normal mode or the slot in
network mode.
PE1
Input, output, or
disconnected
GPIO
disconnected
Port E 1—When the ESAI is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input cannot tolerate 5 V.
FST_1
Input or output
GPIO
disconnected
Frame Sync for Transmitter_1—This is the transmitter frame sync
input/output signal. For synchronous mode, this signal is the frame sync for
both transmitters and receivers. For asynchronous mode, FST is the frame
sync for the transmitters only. The direction is determined by the transmitter
frame sync direction (TFSD) bit in the ESAI transmit clock control register
(TCCR).
PE4
Input, output, or
disconnected
GPIO
disconnected
Port E 4—When the ESAI is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input cannot tolerate 5 V.
SCKR_1
Input or output
GPIO
disconnected
Receiver Serial Clock_1—SCKR provides the receiver serial bit clock for
the ESAI. The SCKR operates as a clock input or output used by all the
enabled receivers in the asynchronous mode (SYN=0), or as serial flag 0 pin
in the synchronous mode (SYN=1).
When this pin is configured as serial flag pin, its direction is determined by
the RCKD bit in the RCCR register. When configured as the output flag OF0,
this pin will reflect the value of the OF0 bit in the SAICR register, and the
data in the OF0 bit will show up at the pin synchronized to the frame sync in
normal mode or the slot in network mode. When configured as the input flag
IF0, the data value at the pin will be stored in the IF0 bit in the SAISR
register, synchronized by the frame sync in normal mode or the slot in
network mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com