전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56366P 데이터시트(PDF) 34 Page - NXP Semiconductors

부품명 DSP56366P
상세설명  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366P 데이터시트(HTML) 34 Page - NXP Semiconductors

Back Button DSP56366P Datasheet HTML 30Page - NXP Semiconductors DSP56366P Datasheet HTML 31Page - NXP Semiconductors DSP56366P Datasheet HTML 32Page - NXP Semiconductors DSP56366P Datasheet HTML 33Page - NXP Semiconductors DSP56366P Datasheet HTML 34Page - NXP Semiconductors DSP56366P Datasheet HTML 35Page - NXP Semiconductors DSP56366P Datasheet HTML 36Page - NXP Semiconductors DSP56366P Datasheet HTML 37Page - NXP Semiconductors DSP56366P Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
3-8
Freescale Semiconductor
27
Interrupt Requests Rate
• HDI08, ESAI, ESAI_1, SHI, DAX, Timer
•DMA
•IRQ, NMI (edge trigger)
•IRQ (level trigger)
12TC
8TC
8TC
12TC
100.0
66.7
66.7
100.0
ns
ns
ns
ns
28
DMA Requests Rate
• Data read from HDI08, ESAI, ESAI_1, SHI, DAX
• Data write to HDI08, ESAI, ESAI_1, SHI, DAX
•Timer
•IRQ, NMI (edge trigger)
6TC
7TC
2TC
3TC
50.0
58.0
16.7
25.0
ns
ns
ns
29
Delay from IRQA, IRQB, IRQC, IRQD, NMI assertion to
external memory (DMA source) access address out valid
4.25
× T
C + 2.0
37.4
ns
1 V
CC = 3.3 V ± 0.16 V; TJ = –40°C to + 110°C, CL = 50 pF
2 Periodically sampled and not 100% tested.
3 RESET duration is measured during the time in which RESET is asserted, V
CC is valid, and the EXTAL input is active and
valid. When the VCC is valid, but the other “required RESET duration” conditions (as specified above) have not been yet met,
the device circuitry will be in an uninitialized state that can result in significant power consumption and heat-up. Designs
should minimize this state to the shortest possible duration.
4 If PLL does not lose lock.
5 When using fast interrupts and IRQA, IRQB, IRQC, and IRQD are defined as level-sensitive, timings 19 through 21 apply to
prevent multiple interrupt service. To avoid these timing restrictions, the deasserted Edge-triggered mode is recommended
when using fast interrupts. Long interrupts are recommended when using Level-sensitive mode.
6 WS = number of wait states (measured in clock cycles, number of T
C). Use expression to compute maximum value.
7 This timing depends on several settings:
For PLL disable, using external clock (PCTL Bit 16 = 1), no stabilization delay is required and recovery time will be defined
by the PCTL Bit 17 and OMR Bit 6 settings.
For PLL enable, if PCTL Bit 17 is 0, the PLL is shutdown during Stop. Recovering from Stop requires the PLL to get locked.
The PLL lock procedure duration, PLL Lock Cycles (PLC), may be in the range of 0 to 1000 cycles. This procedure occurs in
parallel with the stop delay counter, and stop recovery will end when the last of these two events occurs: the stop delay
counter completes count or PLL lock procedure completion.
PLC value for PLL disable is 0.
The maximum value for ETC is 4096 (maximum MF) divided by the desired internal frequency (i.e., for 120 MHz it is 4096/120
MHz = 34.1
μs). During the stabilization period, T
C, TH, and TL will not be constant, and their width may vary, so timing may
vary as well.
Table 3-7 Reset, Stop, Mode Select, and Interrupt Timing1 (continued)
No.
Characteristics
Expression
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com