전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56366P 데이터시트(PDF) 40 Page - NXP Semiconductors

부품명 DSP56366P
상세설명  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366P 데이터시트(HTML) 40 Page - NXP Semiconductors

Back Button DSP56366P Datasheet HTML 36Page - NXP Semiconductors DSP56366P Datasheet HTML 37Page - NXP Semiconductors DSP56366P Datasheet HTML 38Page - NXP Semiconductors DSP56366P Datasheet HTML 39Page - NXP Semiconductors DSP56366P Datasheet HTML 40Page - NXP Semiconductors DSP56366P Datasheet HTML 41Page - NXP Semiconductors DSP56366P Datasheet HTML 42Page - NXP Semiconductors DSP56366P Datasheet HTML 43Page - NXP Semiconductors DSP56366P Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
3-14
Freescale Semiconductor
114
WR deassertion time
0.5
× T
C − 4.0
[WS = 1]
0.2
ns
TC − 2.0
[2
≤ WS ≤ 3]
6.3
ns
2.5
× T
C − 4.0
[4
≤ WS ≤ 7]
16.8
ns
3.5
× T
C − 4.0
[WS
≥ 8]
25.2
ns
115
Address valid to RD assertion
0.5
× T
C − 4.0
0.2
ns
116
RD assertion pulse width
(WS + 0.25)
× T
C −4.0
6.4
ns
117
RD deassertion to address not valid
0.25
× T
C − 2.0
[1
≤ WS ≤ 3]
0.1
ns
1.25
× T
C − 2.0
[4
≤ WS ≤ 7]
8.4
ns
2.25
× T
C − 2.0
[WS
≥ 8]
16.7
ns
118
TA setup before RD or WR deassertion4
0.25
× T
C + 2.0
4.1
ns
119
TA hold after RD or WR deassertion
0.0
ns
1 All timings for 100 MHz are measured from 0.5 · Vcc to .05 · Vcc
2 WS is the number of wait states specified in the BCR.
3 Timings 100, 107 are guaranteed by design, not tested.
4 In the case of TA negation: timing 118 is relative to the deassertion edge of RD or WR were TA to remain active
Table 3-8 SRAM Read and Write Accesses1 (continued)
No.
Characteristics
Symbol
Expression2
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com