전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56366P 데이터시트(PDF) 77 Page - NXP Semiconductors

부품명 DSP56366P
상세설명  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366P 데이터시트(HTML) 77 Page - NXP Semiconductors

Back Button DSP56366P Datasheet HTML 73Page - NXP Semiconductors DSP56366P Datasheet HTML 74Page - NXP Semiconductors DSP56366P Datasheet HTML 75Page - NXP Semiconductors DSP56366P Datasheet HTML 76Page - NXP Semiconductors DSP56366P Datasheet HTML 77Page - NXP Semiconductors DSP56366P Datasheet HTML 78Page - NXP Semiconductors DSP56366P Datasheet HTML 79Page - NXP Semiconductors DSP56366P Datasheet HTML 80Page - NXP Semiconductors DSP56366P Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
3-51
186 First SCL sampling edge to HREQ output
deassertion
TNG;RQO
ns
Filters bypassed
2
× T
C + 30
46.7
46.7
Narrow filters enabled
2
× T
C + 120
136.7
136.7
Wide filters enabled
2
× T
C + 208
224.7
224.7
187 Last SCL edge to HREQ output not
deasserted
TAS;RQO
ns
Filters bypassed
2
× T
C + 30
46.7
46.7
Narrow filters enabled
2
× T
C + 80
96.7
96.7
Wide filters enabled
2
× T
C + 135
151.6
151.6
188 HREQ in assertion to first SCL edge
TAS;RQI
0.5
× T
I2CCP -
0.5
× T
C - 21
ns
Filters bypassed
4440
1041
Narrow filters enabled
4373
999
Wide filters enabled
4373
958
189 First SCL edge to HREQ in not asserted
(HREQ in hold time)
tHO;RQI
0.0
0.0
ns
1 V
CC = 3.16 V ± 0.16 V; TJ = –40°C to +110°C
2 Pull-up resistor: R
P (min) = 1.5 kOhm
3 Capacitive load: C
b (max) = 400 pF
4 It is recommended to enable the wide filters when operating in the I2C Standard Mode.
5 It is recommended to enable the narrow filters when operating in the I2C Fast Mode.
Table 3-20 SHI I2C Protocol Timing (continued)
No.
Characteristics1,2,3
Symbol/
Expression
Standard
Mode4
Fast Mode5
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com