전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56366P 데이터시트(PDF) 98 Page - NXP Semiconductors

부품명 DSP56366P
상세설명  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366P 데이터시트(HTML) 98 Page - NXP Semiconductors

Back Button DSP56366P Datasheet HTML 94Page - NXP Semiconductors DSP56366P Datasheet HTML 95Page - NXP Semiconductors DSP56366P Datasheet HTML 96Page - NXP Semiconductors DSP56366P Datasheet HTML 97Page - NXP Semiconductors DSP56366P Datasheet HTML 98Page - NXP Semiconductors DSP56366P Datasheet HTML 99Page - NXP Semiconductors DSP56366P Datasheet HTML 100Page - NXP Semiconductors DSP56366P Datasheet HTML 101Page - NXP Semiconductors DSP56366P Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
5-2
Freescale Semiconductor
To define a value approximately equal to a junction-to-board thermal resistance, the thermal
resistance is measured from the junction to where the leads are attached to the case.
If the temperature of the package case (TT) is determined by a thermocouple, the thermal resistance
is computed using the value obtained by the equation (TJ – TT)/PD.
As noted above, the junction-to-case thermal resistances quoted in this data sheet are determined using the
first definition. From a practical standpoint, that value is also suitable for determining the junction
temperature from a case thermocouple reading in forced convection environments. In natural convection,
using the junction-to-case thermal resistance to estimate junction temperature from a thermocouple
reading on the case of the package will estimate a junction temperature slightly hotter than actual
temperature. Hence, the new thermal metric, thermal characterization parameter or
ΨJT, has been defined
to be (TJ – TT)/PD. This value gives a better estimate of the junction temperature in natural convection
when using the surface temperature of the package. Remember that surface temperature readings of
packages are subject to significant errors caused by inadequate attachment of the sensor to the surface and
to errors caused by heat loss to the sensor. The recommended technique is to attach a 40-gauge
thermocouple wire and bead to the top center of the package with thermally conductive epoxy.
5.2
Electrical Design Considerations
CAUTION
This device contains circuitry protecting against damage due to high static
voltage or electrical fields. However, normal precautions should be taken to
avoid exceeding maximum voltage ratings. Reliability of operation is
enhanced if unused inputs are tied to an appropriate logic voltage level (e.g.,
either GND or VCC). The suggested value for a pullup or pulldown resistor
is 10 kOhm.
Use the following list of recommendations to assure correct DSP operation:
Provide a low-impedance path from the board power supply to each VCC pin on the DSP and from
the board ground to each GND pin.
Use at least six 0.01–0.1
μF bypass capacitors positioned as close as possible to the four sides of
the package to connect the VCC power source to GND.
Ensure that capacitor leads and associated printed circuit traces that connect to the chip VCC and
GND pins are less than 1.2 cm (0.5 inch) per capacitor lead.
Use at least a four-layer PCB with two inner layers for VCC and GND.
Because the DSP output signals have fast rise and fall times, PCB trace lengths should be minimal.
This recommendation particularly applies to the address and data buses as well as the IRQA,
IRQB, IRQC, IRQD, TA and BG pins. Maximum PCB trace lengths on the order of 15 cm
(6 inches) are recommended.
Consider all device loads as well as parasitic capacitance due to PCB traces when calculating
capacitance. This is especially critical in systems with higher capacitive loads that could create
higher transient currents in the VCC and GND circuits.
All inputs must be terminated (i.e., not allowed to float) using CMOS levels, except for the three
pins with internal pull-up resistors (TMS, TDI, TCK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com