전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56366P 데이터시트(PDF) 85 Page - NXP Semiconductors

부품명 DSP56366P
상세설명  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366P 데이터시트(HTML) 85 Page - NXP Semiconductors

Back Button DSP56366P Datasheet HTML 81Page - NXP Semiconductors DSP56366P Datasheet HTML 82Page - NXP Semiconductors DSP56366P Datasheet HTML 83Page - NXP Semiconductors DSP56366P Datasheet HTML 84Page - NXP Semiconductors DSP56366P Datasheet HTML 85Page - NXP Semiconductors DSP56366P Datasheet HTML 86Page - NXP Semiconductors DSP56366P Datasheet HTML 87Page - NXP Semiconductors DSP56366P Datasheet HTML 88Page - NXP Semiconductors DSP56366P Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
3-59
Figure 3-35 ESAI HCKR Timing
3.15
Digital Audio Transmitter Timing
Figure 3-36 Digital Audio Transmitter Timing
Table 3-23 Digital Audio Transmitter Timing
No.
Characteristic
Expression
120 MHz
Unit
Min
Max
ACI frequency (see note)
1 / (2 x TC)—
60
MHz
220
ACI period
2
× T
C
16.7
ns
221
ACI high duration
0.5
× T
C
4.2
ns
222
ACI low duration
0.5
× T
C
4.2
ns
223
ACI rising edge to ADO valid
1.5
× T
C
—12.5
ns
Note: In order to assure proper operation of the DAX, the ACI frequency should be less than 1/2 of the DSP56366 internal
clock frequency. For example, if the DSP56366 is running at 120 MHz internally, the ACI frequency should be less than
60 MHz.
HCKR
SCKR (output)
465
463
ACI
ADO
220
223
AA1280
221
222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com