전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56366P 데이터시트(PDF) 86 Page - NXP Semiconductors

부품명 DSP56366P
상세설명  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366P 데이터시트(HTML) 86 Page - NXP Semiconductors

Back Button DSP56366P Datasheet HTML 82Page - NXP Semiconductors DSP56366P Datasheet HTML 83Page - NXP Semiconductors DSP56366P Datasheet HTML 84Page - NXP Semiconductors DSP56366P Datasheet HTML 85Page - NXP Semiconductors DSP56366P Datasheet HTML 86Page - NXP Semiconductors DSP56366P Datasheet HTML 87Page - NXP Semiconductors DSP56366P Datasheet HTML 88Page - NXP Semiconductors DSP56366P Datasheet HTML 89Page - NXP Semiconductors DSP56366P Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
3-60
Freescale Semiconductor
3.16
Timer Timing
Figure 3-37 TIO Timer Event Input Restrictions
3.17
GPIO Timing
Table 3-24 Timer Timing
No.
Characteristics
Expression
120 MHz
Unit
Min
Max
480
TIO Low
2
× T
C + 2.0
18.7
ns
481
TIO High
2
× T
C + 2.0
18.7
ns
Note: VCC = 3.3 V ± 0.16 V; TJ = –40°C to +110°C, CL = 50 pF
Table 3-25 GPIO Timing
No.
Characteristics1
1 V
CC = 3.3 V ± 0.16 V; TJ = –40°C to +110°C, CL = 50 pF
Expression
Min
Max
Unit
4902
2 Valid only when PLL enabled with multiplication factor equal to one.
EXTAL edge to GPIO out valid (GPIO out delay time)
32.8
ns
491
EXTAL edge to GPIO out not valid (GPIO out hold time)
4.8
ns
492
GPIO In valid to EXTAL edge (GPIO in set-up time)
10.2
ns
493
EXTAL edge to GPIO in not valid (GPIO in hold time)
1.8
ns
4942
Fetch to EXTAL edge before GPIO change
6.75
× T
C-1.8
54.5
ns
495
GPIO out rise time
13
ns
496
GPIO out fall time
13
ns
TIO
481
480
AA0492



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com