전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56366P 데이터시트(PDF) 25 Page - NXP Semiconductors

부품명 DSP56366P
상세설명  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366P 데이터시트(HTML) 25 Page - NXP Semiconductors

Back Button DSP56366P Datasheet HTML 21Page - NXP Semiconductors DSP56366P Datasheet HTML 22Page - NXP Semiconductors DSP56366P Datasheet HTML 23Page - NXP Semiconductors DSP56366P Datasheet HTML 24Page - NXP Semiconductors DSP56366P Datasheet HTML 25Page - NXP Semiconductors DSP56366P Datasheet HTML 26Page - NXP Semiconductors DSP56366P Datasheet HTML 27Page - NXP Semiconductors DSP56366P Datasheet HTML 28Page - NXP Semiconductors DSP56366P Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
2-21
2.13
JTAG/OnCE Interface
Table 2-15 JTAG/OnCE Interface
Signal
Name
Signal
Type
State during
Reset
Signal Description
TCK
Input
Input
Test Clock—TCK is a test clock input signal used to synchronize the JTAG test
logic. It has an internal pull-up resistor.
This input is 5 V tolerant.
TDI
Input
Input
Test Data Input—TDI is a test data serial input signal used for test instructions and
data. TDI is sampled on the rising edge of TCK and has an internal pull-up resistor.
This input is 5 V tolerant.
TDO
Output
Tri-stated
Test Data Output—TDO is a test data serial output signal used for test instructions
and data. TDO is tri-statable and is actively driven in the shift-IR and shift-DR
controller states. TDO changes on the falling edge of TCK.
TMS
Input
Input
Test Mode Select—TMS is an input signal used to sequence the test controller’s
state machine. TMS is sampled on the rising edge of TCK and has an internal
pull-up resistor.
This input is 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com