전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56366P 데이터시트(PDF) 63 Page - NXP Semiconductors

부품명 DSP56366P
상세설명  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366P 데이터시트(HTML) 63 Page - NXP Semiconductors

Back Button DSP56366P Datasheet HTML 59Page - NXP Semiconductors DSP56366P Datasheet HTML 60Page - NXP Semiconductors DSP56366P Datasheet HTML 61Page - NXP Semiconductors DSP56366P Datasheet HTML 62Page - NXP Semiconductors DSP56366P Datasheet HTML 63Page - NXP Semiconductors DSP56366P Datasheet HTML 64Page - NXP Semiconductors DSP56366P Datasheet HTML 65Page - NXP Semiconductors DSP56366P Datasheet HTML 66Page - NXP Semiconductors DSP56366P Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
3-37
3.11
Parallel Host Interface (HDI08) Timing
Table 3-18 Host Interface (HDI08) Timing1, 2
No.
Characteristics3
Expression
120 MHz
Unit
Min
Max
317
Read data strobe assertion width4
HACK read assertion width
TC + 9.9
18.3
ns
318
Read data strobe deassertion width4
HACK read deassertion width
—9.9
ns
319
Read data strobe deassertion width4 after “Last Data Register” reads5,6, or
between two consecutive CVR, ICR, or ISR reads7
HACK deassertion width after “Last Data Register” reads5
,6
2.5
× T
C + 6.6
27.4
ns
320
Write data strobe assertion width8
HACK write assertion width
13.2
ns
321
Write data strobe deassertion width8
HACK write deassertion width
• after ICR, CVR and “Last Data Register” writes5
• after IVR writes, or
• after TXH:TXM writes (with HBE=0), or
• after TXL:TXM writes (with HBE=1)
2.5
× T
C + 6.6
27.4
16.5
ns
322
HAS assertion width
—9.9
ns
323
HAS deassertion to data strobe assertion9
—0.0
ns
324
Host data input setup time before write data strobe deassertion8
Host data input setup time before HACK write deassertion
—9.9
ns
325
Host data input hold time after write data strobe deassertion8
Host data input hold time after HACK write deassertion
—3.3
ns
326
Read data strobe assertion to output data active from high impedance4
HACK read assertion to output data active from high impedance
—3.3
ns
327
Read data strobe assertion to output data valid4
HACK read assertion to output data valid
24.2
ns
328
Read data strobe deassertion to output data high impedance4
HACK read deassertion to output data high impedance
——
9.9
ns
329
Output data hold time after read data strobe deassertion4
Output data hold time after HACK read deassertion
—3.3
ns
330
HCS assertion to read data strobe deassertion4
TC +9.9
18.2
ns
331
HCS assertion to write data strobe deassertion8
—9.9
ns
332
HCS assertion to output data valid
19.1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com