전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 258 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 258 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 254Page - Motorola, Inc HCS08 Datasheet HTML 255Page - Motorola, Inc HCS08 Datasheet HTML 256Page - Motorola, Inc HCS08 Datasheet HTML 257Page - Motorola, Inc HCS08 Datasheet HTML 258Page - Motorola, Inc HCS08 Datasheet HTML 259Page - Motorola, Inc HCS08 Datasheet HTML 260Page - Motorola, Inc HCS08 Datasheet HTML 261Page - Motorola, Inc HCS08 Datasheet HTML 262Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 290 page
background image
Development Support
MC9S08GB/GT
258
MOTOROLA
15.5.3.9 Debug Status Register (DBGS)
This is a read-only status register.
Figure 15-9 Debug Status Register (DBGS)
AF — Trigger Match A Flag
AF is cleared at the start of a debug run and indicates whether a trigger match A condition was met
since arming.
1 = Comparator A match.
0 = Comparator A has not matched.
BF — Trigger Match B Flag
BF is cleared at the start of a debug run and indicates whether a trigger match B condition was met
since arming.
1 = Comparator B match.
0 = Comparator B has not matched.
Table 15-2 Trigger Mode Selection
TRG[3:0]
Triggering Mode
0000
A-only
0001
A OR B
0010
A Then B
0011
Event-only B (store data)
0100
A then event-only B (store data)
0101
A AND B data (full mode)
0110
A AND NOT B data (full mode)
0111
Inside range: A
≤ address ≤ B
1000
Outside range: address < A or address > B
1001 – 1111
No trigger
Bit 7
6
5
4321
Bit 0
Read:
AF
BF
ARMF
0
CNT3
CNT2
CNT1
CNT0
Write:
Reset:
0
0
0
00000
= Unimplemented or Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com