전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 259 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 259 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 255Page - Motorola, Inc HCS08 Datasheet HTML 256Page - Motorola, Inc HCS08 Datasheet HTML 257Page - Motorola, Inc HCS08 Datasheet HTML 258Page - Motorola, Inc HCS08 Datasheet HTML 259Page - Motorola, Inc HCS08 Datasheet HTML 260Page - Motorola, Inc HCS08 Datasheet HTML 261Page - Motorola, Inc HCS08 Datasheet HTML 262Page - Motorola, Inc HCS08 Datasheet HTML 263Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
259
MC9S08GB/GT
ARMF — Arm Flag
While DBGEN = 1, this status bit is a read-only image of the ARM bit in DBGC. This bit is set by
writing 1 to the ARM control bit in DBGC (while DBGEN = 1) and is automatically cleared at the end
of a debug run. A debug run is completed when the FIFO is full (begin trace) or when a trigger event
is detected (end trace). A debug run can also be ended manually by writing 0 to the ARM or DBGEN
bits in DBGC.
1 = Debugger armed.
0 = Debugger not armed.
CNT3:CNT2:CNT1:CNT0 — FIFO Valid Count
These bits are cleared at the start of a debug run and indicate the number of words of valid data in the
FIFO at the end of a debug run. The value in CNT does not decrement as data is read out of the FIFO.
The external debug host is responsible for keeping track of the count as information is read out of the
FIFO.
Table 15-3 CNT Status Bits
CNT[3:0]
Valid Words in FIFO
0000
No valid data
0001
1
0010
2
0011
3
0100
4
0101
5
0110
6
0111
7
1000
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com