전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 257 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 257 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 253Page - Motorola, Inc HCS08 Datasheet HTML 254Page - Motorola, Inc HCS08 Datasheet HTML 255Page - Motorola, Inc HCS08 Datasheet HTML 256Page - Motorola, Inc HCS08 Datasheet HTML 257Page - Motorola, Inc HCS08 Datasheet HTML 258Page - Motorola, Inc HCS08 Datasheet HTML 259Page - Motorola, Inc HCS08 Datasheet HTML 260Page - Motorola, Inc HCS08 Datasheet HTML 261Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
257
MC9S08GB/GT
15.5.3.8 Debug Trigger Register (DBGT)
This register can be read any time, but may be written only if ARM = 0, except bits 4 and 5 are hardwired
to 0s.
Figure 15-8 Debug Trigger Register (DBGT)
TRGSEL — Trigger Type
Controls whether the match outputs from comparators A and B are qualified with the opcode tracking
logic in the debug module. If TRGSEL is set, a match signal from comparator A or B must propagate
through the opcode tracking logic and a trigger event is only signalled to the FIFO logic if the opcode
at the match address is actually executed.
1 = Trigger if opcode at compare address is executed (tag).
0 = Trigger on access to compare address (force).
BEGIN — Begin/End Trigger Select
Controls whether the FIFO starts filling at a trigger or fills in a circular manner until a trigger ends the
capture of information. In event-only trigger modes, this bit is ignored and all debug runs are assumed
to be begin traces.
1 = Trigger initiates data storage (begin trace).
0 = Data stored in FIFO until trigger (end trace).
TRG3:TRG2:TRG1:TRG0 — Select Trigger Mode
Selects one of nine triggering modes
Bit 7
6
5
4321
Bit 0
Read:
TRGSEL
BEGIN
00
TRG3
TRG2
TRG1
TRG0
Write:
Reset:
0
0
0
00000
= Unimplemented or Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com