전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 264 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 264 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 260Page - Motorola, Inc HCS08 Datasheet HTML 261Page - Motorola, Inc HCS08 Datasheet HTML 262Page - Motorola, Inc HCS08 Datasheet HTML 263Page - Motorola, Inc HCS08 Datasheet HTML 264Page - Motorola, Inc HCS08 Datasheet HTML 265Page - Motorola, Inc HCS08 Datasheet HTML 266Page - Motorola, Inc HCS08 Datasheet HTML 267Page - Motorola, Inc HCS08 Datasheet HTML 268Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 290 page
background image
Electrical Characteristics
MC9S08GB/GT
264
MOTOROLA
Low-voltage warning threshold — low range
(VDD falling)
(VDD rising)
VLVWL
2.08
2.16
2.1
2.19
2.2
2.27
V
Power on reset (POR) re-arm voltage(2)
Mode = stop
Mode = run and Wait
VRearm
0.20
0.50
0.30
0.80
0.40
1.2
V
Input high voltage (VDD > 2.3 V) (all digital inputs)
VIH
0.70
×
VDD
—V
Input high voltage (1.8 V
≤ VDD ≤ 2.3 V)
(all digital inputs)
VIH
0.85
×
VDD
—V
Input low voltage (VDD > 2.3 V) (all digital inputs)
VIL
—
0.35
×
VDD
V
Input low voltage (1.8 V
≤ VDD ≤ 2.3 V)
(all digital inputs)
VIL
—
0.30
×
VDD
V
Input hysteresis (all digital inputs)
Vhys
0.06
×
VDD
—V
Input leakage current (per pin)
VIn = VDD or VSS, all input only pins
|IIn|
—
0.025
1.0
µA
High impedance (off-state) leakage current (per pin)
VIn = VDD or VSS, all input/output
|IOZ|
—
0.025
1.0
µA
Internal pullup and pulldown resistors(3)
(all port pins and IRQ)
RPU
17.5
52.5
k
Ω
Internal pulldown resistors (Port A4–A7 and IRQ)
RPD
17.5
52.5
k
Ω
Output high voltage (VDD ≥ 1.8 V)
IOH = –2 mA (ports A, B, D, E, and G)
VOH
VDD – 0.5
—
V
Output high voltage (ports C and F)
IOH = –10 mA (VDD ≥ 2.7 V)
IOH = –6 mA (VDD ≥ 2.3 V)
IOH = –3 mA (VDD ≥ 1.8 V)
VDD – 0.5
—
—
—
Maximum total IOH for all port pins
|IOHT|
—60
mA
Output low voltage (VDD ≥ 1.8 V)
IOL = 2.0 mA (ports A, B, D, E, and G)
VOL
—
0.5
V
Output low voltage (ports C and F)
IOL = 10.0 mA (VDD ≥ 2.7 V)
IOL = 6 mA (VDD ≥ 2.3 V)
IOL = 3 mA (VDD ≥ 1.8 V)
—
—
—
0.5
0.5
0.5
Maximum total IOL for all port pins
IOLT
—60
mA
Table A-4 DC Characteristics (Continued)
(Temperature Range = –40 to 85
°C Ambient)
Parameter
Symbol
Min
Typical(1)
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com