전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 267 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 267 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 263Page - Motorola, Inc HCS08 Datasheet HTML 264Page - Motorola, Inc HCS08 Datasheet HTML 265Page - Motorola, Inc HCS08 Datasheet HTML 266Page - Motorola, Inc HCS08 Datasheet HTML 267Page - Motorola, Inc HCS08 Datasheet HTML 268Page - Motorola, Inc HCS08 Datasheet HTML 269Page - Motorola, Inc HCS08 Datasheet HTML 270Page - Motorola, Inc HCS08 Datasheet HTML 271Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
267
MC9S08GB/GT
Figure A-5 Typical High-Side (Source) Characteristics (Ports A, B, D, E, and G)
A.6 Supply Current Characteristics
Table A-5 Supply Current Characteristics
Parameter
Symbol
VDD (V)
Typical(1)
Max(2)
Temp.
(
°C)
Run supply current
(3)
measured at
(CPU clock = 2 MHz, fBus = 1 MHz)
RIDD
3
1.1 mA
2.1 mA(4)
2.1 mA(4)
2.1 mA(4)
55
70
85
2
0.8 mA
1.8 mA(4)
1.8 mA(4)
1.8 mA(4)
55
70
85
Run supply current (3) measured at
(CPU clock = 16 MHz, fBus = 8 MHz)
RIDD
3
6.5 mA
7.5 mA(4)
7.5 mA(4)
7.5 mA(5)
55
70
85
2
4.8 mA
5.8 mA(4)
5.8 mA(4)
5.8 mA(4)
55
70
85
Stop1 mode supply current
S1I
DD
3
25 nA
0.6
µA(4)
1.8
µA(4)
4.0
µA(5)
55
70
85
2
20 nA
500 nA(4)
1.5
µA(4)
3.3
µA(4)
55
70
85
Stop2 mode supply current
S2I
DD
3
550 nA
3.0
µA(4)
5.5
µA(4)
11
µA(5)
55
70
85
2
400 nA
2.4
µA(4)
5.0
µA(4)
9.5
µA(4)
55
70
85
TYPICAL VDD – VOH VS IOH AT VDD = 3.0 V
IOH (mA)
0
0.2
0.4
0.6
0.8
1
1.2
–20
–15
–10
–5
0
TYPICAL VDD – VOH VS VDD AT SPEC IOH
VDD (V)
0
0.05
0.1
0.15
0.2
0.25
12
34
25
°C
85
°C
–40
°C
25
°C, IOH = 2 mA
85
°C, IOH = 2 mA
–40
°C, IOH = 2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com