전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 263 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 263 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 259Page - Motorola, Inc HCS08 Datasheet HTML 260Page - Motorola, Inc HCS08 Datasheet HTML 261Page - Motorola, Inc HCS08 Datasheet HTML 262Page - Motorola, Inc HCS08 Datasheet HTML 263Page - Motorola, Inc HCS08 Datasheet HTML 264Page - Motorola, Inc HCS08 Datasheet HTML 265Page - Motorola, Inc HCS08 Datasheet HTML 266Page - Motorola, Inc HCS08 Datasheet HTML 267Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
263
MC9S08GB/GT
A.4 Electrostatic Discharge (ESD) Protection Characteristics
Although damage from static discharge is much less common on these devices than on early CMOS
circuits, normal handling precautions should be used to avoid exposure to static discharge. Qualification
tests are performed to ensure that these devices can withstand exposure to reasonable levels of static
without suffering any permanent damage. All ESD testing is in conformity with CDF-AEC-Q00 Stress
Test Qualification for Automotive Grade Integrated Circuits. (http://www.aecouncil.com/) This device
was qualified to AEC-Q100 Rev E. A device is considered to have failed if, after exposure to ESD pulses,
the device no longer meets the device specification requirements. Complete dc parametric and functional
testing is performed per the applicable device specification at room temperature followed by hot
temperature, unless specified otherwise in the device specification.
A.5 DC Characteristics
This section includes information about power supply requirements, I/O pin characteristics, and power
supply current in various operating modes.
Table A-3 ESD Protection Characteristics
Parameter
Symbol
Value
Unit
ESD Target for Machine Model (MM)
MM circuit description
VTHMM
200
V
ESD Target for Human Body Model (HBM)
HBM circuit description
VTHHBM
2000
V
Table A-4 DC Characteristics
(Temperature Range = –40 to 85
°C Ambient)
Parameter
Symbol
Min
Typical(1)
Max
Unit
Supply voltage (run, wait and stop modes.)
0 < fBus < 8 MHz
0 < fBus < 20 MHz
VDD
1.8
2.08
3.6
3.6
V
Minimum RAM retention supply voltage applied to
VDD
VRAM
1.0(2)
—V
Low-voltage detection threshold — high range
(VDD falling)
(VDD rising)
VLVDH
2.08
2.16
2.1
2.19
2.2
2.27
V
Low-voltage detection threshold — low range
(VDD falling)
(VDD rising)
VLVDL
1.80
1.88
1.82
1.90
1.91
1.99
V
Low-voltage warning threshold — high range
(VDD falling)
(VDD rising)
VLVWH
2.35
2.35
2.40
2.40
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com