전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 274 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 274 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 270Page - Motorola, Inc HCS08 Datasheet HTML 271Page - Motorola, Inc HCS08 Datasheet HTML 272Page - Motorola, Inc HCS08 Datasheet HTML 273Page - Motorola, Inc HCS08 Datasheet HTML 274Page - Motorola, Inc HCS08 Datasheet HTML 275Page - Motorola, Inc HCS08 Datasheet HTML 276Page - Motorola, Inc HCS08 Datasheet HTML 277Page - Motorola, Inc HCS08 Datasheet HTML 278Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 290 page
background image
Electrical Characteristics
MC9S08GB/GT
274
MOTOROLA
A.8.1 ICG Frequency Specifications
Table A-9 ICG Frequency Specifications
(VDDA = VDDA (min) to VDDA (max), Temperature Range = –40 to 85°C Ambient)
Characteristic
Symbol
Min
Typical
Max
Unit
Oscillator crystal or resonator (REFS = 1)
(Fundamental mode crystal or ceramic resonator)
Low range
High range, FLL bypassed external (CLKS = 10)
High range, FLL engaged external (CLKS = 11)
flo
fhi_byp
fhi_eng
32
1
2
—
—
—
100
16
10
kHz
MHz
MHz
Input clock frequency (CLKS = 11, REFS = 0)
Low range
High range
flo
fhi_eng
32
2
—
—
100
10
kHz
MHz
Input clock frequency (CLKS = 10, REFS = 0)
fExtal
0
—
40
MHz
Internal reference frequency (untrimmed)
fICGIRCLK
182.25
243
303.75
kHz
Duty cycle of input clock (REFS = 0)
tdc
40
—
60
%
Output clock ICGOUT frequency
CLKS = 10, REFS = 0
All other cases
fICGOUT
fExtal (min)
flo (min)
fExtal (max)
fICGDCLKmax
(max)
MHz
Minimum DCO clock (ICGDCLK) frequency
fICGDCLKmin
8
—
MHz
Maximum DCO clock (ICGDCLK) frequency
fICGDCLKmax
—
40
MHz
Self-clock mode (ICGOUT) frequency (1)
NOTES:
1. Self-clocked mode frequency is the frequency that the DCO generates when the FLL is open-loop.
fSelf
fICGDCLKmin
fICGDCLKmax
MHz
Self-clock mode reset (ICGOUT) frequency
fSelf_reset
5.5
8
10.5
MHz
Loss of reference frequency(2)
Low range
High range
2. Loss of reference frequency is the reference frequency detected internally, which transitions the ICG into
self-clocked mode if it is not in the desired range.
fLOR
5
50
25
500
kHz
Loss of DCO frequency(3)
fLOD
0.5
1.5
MHz
Crystal start-up time (4), (5)
Low range
High range
tCSTL
tCSTH
—
—
430
4
—
—
ms
FLL lock time (6)
Low range
High range
tLockl
tLockh
—
—
2
2
ms
FLL frequency unlock range
nUnlock
–4*N
4*N
counts
FLL frequency lock range
nLock
–2*N
2*N
counts
ICGOUT period jitter, (7) measured at fICGOUT Max
Long term jitter (averaged over 2 ms interval)
CJitter
—
0.2
% fICG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com