전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 271 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 271 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 267Page - Motorola, Inc HCS08 Datasheet HTML 268Page - Motorola, Inc HCS08 Datasheet HTML 269Page - Motorola, Inc HCS08 Datasheet HTML 270Page - Motorola, Inc HCS08 Datasheet HTML 271Page - Motorola, Inc HCS08 Datasheet HTML 272Page - Motorola, Inc HCS08 Datasheet HTML 273Page - Motorola, Inc HCS08 Datasheet HTML 274Page - Motorola, Inc HCS08 Datasheet HTML 275Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
271
MC9S08GB/GT
A.7 ATD Characteristics
Table A-6 ATD Electrical Characteristics (Operating)
Num
Characteristic
Condition
Symbol
Min
Typical
Max
Unit
1
ATD supply(1)
NOTES:
1. VDDAD must be at same potential as VDD.
VDDAD
1.80
—
3.6
V
2
ATD supply current
Enabled
IDDADrun
—
0.7
1.2
mA
Disabled
(ATDPU = 0
or STOP)
IDDADstop
—
0.02
0.6
µA
3
Differential supply voltage
VDD–VDDAD
|VDDLT|
—
—
100
mV
4
Differential ground voltage
VSS–VSSAD
|VSDLT|
—
—
100
mV
5
Reference potential, low
|VREFL|—
—
VSSAD
V
Reference potential, high
2.08V <VDDAD
< 3.6V
VREFH
2.08
—
VDDAD
V
1.80V <VDDAD
< 2.08V
VDDAD
—
VDDAD
6
Reference supply current
(VREFH to VREFL)
Enabled
IREF
—
200
300
µA
Disabled
(ATDPU = 0
or STOP)
IREF
—
<0.01
0.02
7
Analog input voltage(2)
2. Maximum electrical operating range, not valid conversion range.
VINDC
VSSAD – 0.3
—
VDDAD + 0.3
V
Table A-7 ATD Timing/Performance Characteristics(1)
Num
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
1
ATD conversion clock
frequency
fATDCLK
2.08V < VDDAD < 3.6V
0.5
—
2.0
MHz
1.80V < VDDAD < 2.08V
0.5
—
1.0
2
Conversion cycles (continuous
convert)(2)
CC
28
28
<30
ATDCLK
cycles
3
Conversion time
Tconv
2.08V < VDDAD < 3.6V
14.0
—
60.0
µS
1.80V < VDDAD < 2.08V
28.0
—
60.0
4
Source impedance at input(3)
RAS
—
—
10
k
Ω
5
Analog Input Voltage(4)
VAIN
VREFL
VREFH
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com