전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 272 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 272 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 268Page - Motorola, Inc HCS08 Datasheet HTML 269Page - Motorola, Inc HCS08 Datasheet HTML 270Page - Motorola, Inc HCS08 Datasheet HTML 271Page - Motorola, Inc HCS08 Datasheet HTML 272Page - Motorola, Inc HCS08 Datasheet HTML 273Page - Motorola, Inc HCS08 Datasheet HTML 274Page - Motorola, Inc HCS08 Datasheet HTML 275Page - Motorola, Inc HCS08 Datasheet HTML 276Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 290 page
background image
Electrical Characteristics
MC9S08GB/GT
272
MOTOROLA
6
Ideal resolution (1 LSB)(5)
RES
2.08V < VDDAD < 3.6V
2.031
—
3.516
mV
1.80V < VDDAD < 2.08V
1.758
—
2.031
7
Differential non-linearity(6)
DNL
1.80V < VDDAD < 3.6V
—
+0.5
+1.0
LSB
8
Integral non-linearity(7)
INL
1.80 V < VDDAD < 3.6V
—
+0.5
+1.0
LSB
9
Zero-scale error(8)
EZS
1.80V < VDDAD < 3.6V
—
+0.4
+1.0
LSB
10
Full-scale error(9)
EFS
1.80V < VDDAD < 3.6V
—
+0.4
+1.0
LSB
11
Input leakage error (10)
EIL
1.80V < VDDAD < 3.6V
—
+0.05
+5
LSB
12
Total unadjusted
error(11)
ETU
1.80V < VDDAD < 3.6V
—
+1.1
+2.5
LSB
NOTES:
1. All ACCURACY numbers are based on processor and system being in WAIT state (very little activity and no IO switching)
and that adequate low-pass filtering is present on analog input pins (filter with 0.01
µF to 0.1 µF capacitor between analog
input and VREFL). Failure to observe these guidelines may result in system or microcontroller noise causing accuracy
errors which will vary based on board layout and the type and magnitude of the activity.
2. This is the conversion time for subsequent conversions in continuous convert mode. Actual conversion time for single
conversions or the first conversion in continuous mode is extended by one ATD clock cycle and 2 bus cycles due to
starting the conversion and setting the CCF flag. The total conversion time in Bus Cycles for a conversion is:
SC Bus Cycles = ((PRS+1)*2) * (28+1) + 2
CC Bus Cycles = ((PRS+1)*2) * (28)
3. RAS is the real portion of the impedance of the network driving the analog input pin. Values greater than this amount may
not fully charge the input circuitry of the ATD resulting in accuracy error.
4. Analog input must be between VREFL and VREFH for valid conversion. Values greater than VREFH will convert to $3FF less
the full scale error (EFS).
5. The resolution is the ideal step size or 1LSB = (VREFH–VREFL)/1024
6. Differential non-linearity is the difference between the current code width and the ideal code width (1LSB). The current
code width is the difference in the transition voltages to and from the current code.
7. Integral non-linearity is the difference between the transition voltage to the current code and the adjusted ideal transition
voltage for the current code. The adjusted ideal transition voltage is (Current Code–1/2)*(1/((VREFH+EFS)–(VREFL+EZS))).
8. Zero-scale error is the difference between the transition to the first valid code and the ideal transition to that code. The
Ideal transition voltage to a given code is (Code–1/2)*(1/(VREFH–VREFL)).
9. Full-scale error is the difference between the transition to the last valid code and the ideal transition to that code. The ideal
transition voltage to a given code is (Code–1/2)*(1/(VREFH–VREFL)).
10. Input leakage error is error due to input leakage across the real portion of the impedance of the network driving the analog
pin. Reducing the impedance of the network reduces this error.
11. Total unadjusted error is the difference between the transition voltage to the current code and the ideal straight-line
transfer function. This measure of error includes inherent quantization error (1/2LSB) and circuit error (differential,
integral, zero-scale, and full-scale) error. The specified value of ET assumes zero EIL (no leakage or zero real source
impedance).
Table A-7 ATD Timing/Performance Characteristics(1) (Continued)
Num
Characteristic
Symbol
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com