전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 106 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 106 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 102Page - Motorola, Inc HCS08 Datasheet HTML 103Page - Motorola, Inc HCS08 Datasheet HTML 104Page - Motorola, Inc HCS08 Datasheet HTML 105Page - Motorola, Inc HCS08 Datasheet HTML 106Page - Motorola, Inc HCS08 Datasheet HTML 107Page - Motorola, Inc HCS08 Datasheet HTML 108Page - Motorola, Inc HCS08 Datasheet HTML 109Page - Motorola, Inc HCS08 Datasheet HTML 110Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 290 page
background image
Internal Clock Generator (ICG) Module
MC9S08GB/GT
106
MOTOROLA
6.5.3 ICG Status Register 1 (ICGS1)
Figure 6-14 ICG Status Register 1 (ICGS1)
CLKST — Clock Mode Status
The CLKST bits indicate the current clock mode. The CLKST bits don’t update immediately after a
write to the CLKS bits due to internal synchronization between clock domains.
REFST — Reference Clock Status
The REFST bit indicates which clock reference is currently selected by the Reference Select circuit.
1 = Crystal/Resonator selected.
0 = External Clock selected.
LOLS — FLL Loss of Lock Status
The LOLS bit is a sticky indication of FLL lock status.
1 = FLL has unexpectedly lost lock since LOLS was last cleared, LOLRE determines action taken.
0 = FLL has not unexpectedly lost lock since LOLS was last cleared.
LOCK — FLL Lock Status
The LOCK bit indicates whether the FLL has acquired lock. The LOCK bit is cleared in off,
self-clocked, and FLL bypassed modes.
1 = FLL is currently locked.
0 = FLL is currently unlocked.
Bit 7
654321
Bit 0
Read:
CLKST
REFST
LOLS
LOCK
LOCS
ERCS
ICGIF
Write:
1
Reset:
00000000
= Unimplemented or Reserved
Table 6-10 CLKST Clock Mode Status
CLKST[1:0]
Clock Status
00
Self-clocked
01
FLL engaged, internal reference
10
FLL bypassed, external reference
11
FLL engaged, external reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com