전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 200 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 200 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 196Page - Motorola, Inc HCS08 Datasheet HTML 197Page - Motorola, Inc HCS08 Datasheet HTML 198Page - Motorola, Inc HCS08 Datasheet HTML 199Page - Motorola, Inc HCS08 Datasheet HTML 200Page - Motorola, Inc HCS08 Datasheet HTML 201Page - Motorola, Inc HCS08 Datasheet HTML 202Page - Motorola, Inc HCS08 Datasheet HTML 203Page - Motorola, Inc HCS08 Datasheet HTML 204Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 290 page
background image
Serial Peripheral Interface (SPI) Module
MC9S08GB/GT
200
MOTOROLA
When a mode fault is detected, MODF is set and MSTR is cleared to change the SPI configuration back
to slave mode. The output drivers on the SPSCK, MOSI, and MISO (if not bidirectional mode) are
disabled.
MODF is cleared by reading it while it is set, then writing to the SPI control register 1 (SPIC1). User
software should verify the error condition has been corrected before changing the SPI back to master
mode.
12.4 SPI Registers and Control Bits
The SPI has five 8-bit registers to select SPI options, control baud rate, report SPI status, and for
transmit/receive data.
Refer to the direct-page register summary in the Memory section of this data sheet for the absolute address
assignments for all SPI registers. This section refers to registers and control bits only by their names, and
a Motorola-provided equate or header file is used to translate these names into the appropriate absolute
addresses.
12.4.1 SPI Control Register 1 (SPIC1)
This read/write register includes the SPI enable control, interrupt enables, and configuration options.
Figure 12-7 SPI Control Register 1 (SPIC1)
SPIE — SPI Interrupt Enable (for SPRF and MODF)
This is the interrupt enable for SPI receive buffer full (SPRF) and mode fault (MODF) events.
1 = When SPRF or MODF is 1, request a hardware interrupt.
0 = Interrupts from SPRF and MODF inhibited (use polling).
SPE — SPI System Enable
Disabling the SPI halts any transfer that is in progress, clears data buffers, and initializes internal state
machines. SPRF is cleared and SPTEF is set to indicate the SPI transmit data buffer is empty.
1 = SPI system enabled.
0 = SPI system inactive.
Bit 7
654321
Bit 0
Read:
SPIE
SPE
SPTIE
MSTR
CPOL
CPHA
SSOE
LSBFE
Write:
Reset:
00000100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com