전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 204 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 204 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 200Page - Motorola, Inc HCS08 Datasheet HTML 201Page - Motorola, Inc HCS08 Datasheet HTML 202Page - Motorola, Inc HCS08 Datasheet HTML 203Page - Motorola, Inc HCS08 Datasheet HTML 204Page - Motorola, Inc HCS08 Datasheet HTML 205Page - Motorola, Inc HCS08 Datasheet HTML 206Page - Motorola, Inc HCS08 Datasheet HTML 207Page - Motorola, Inc HCS08 Datasheet HTML 208Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 290 page
background image
Serial Peripheral Interface (SPI) Module
MC9S08GB/GT
204
MOTOROLA
SPR2:SPR1:SPR0 — SPI Baud Rate Divisor
This 3-bit field selects one of eight divisors for the SPI baud rate divider as shown in Table 12-3. The
input to this divider comes from the SPI baud rate prescaler (see Figure 12-4). The output of this
divider is the SPI bit rate clock for master mode.
12.4.4 SPI Status Register (SPIS)
This register has three read-only status bits. Bits 6, 3, 2, 1, and 0 are not implemented and always read 0s.
Writes have no meaning or effect.
Figure 12-10 SPI Status Register (SPIS)
SPRF — SPI Read Buffer Full Flag
SPRF is set at the completion of an SPI transfer to indicate that received data may be read from the SPI
data register (SPID). SPRF is cleared by reading SPRF while it is set, then reading the SPI data register.
1 = Data available in the receive data buffer.
0 = No data available in the receive data buffer.
Table 12-3 SPI Baud Rate Divisor
SPR2:SPR1:SPR0
Rate Divisor
0:0:0
2
0:0:1
4
0:1:0
8
0:1:1
16
1:0:0
32
1:0:1
64
1:1:0
128
1:1:1
256
Bit 7
654321
Bit 0
Read:
SPRF
0
SPTEF
MODF
0000
Write:
Reset:
00100000
= Unimplemented or Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com