전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 208 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 208 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 204Page - Motorola, Inc HCS08 Datasheet HTML 205Page - Motorola, Inc HCS08 Datasheet HTML 206Page - Motorola, Inc HCS08 Datasheet HTML 207Page - Motorola, Inc HCS08 Datasheet HTML 208Page - Motorola, Inc HCS08 Datasheet HTML 209Page - Motorola, Inc HCS08 Datasheet HTML 210Page - Motorola, Inc HCS08 Datasheet HTML 211Page - Motorola, Inc HCS08 Datasheet HTML 212Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 290 page
background image
Inter-Integrated Circuit (IIC) Module
MC9S08GB/GT
208
MOTOROLA
13.1 Introduction
The inter-integrated circuit (IIC) provides a method of communication between a number of devices. The
interface is designed to operate up to 100 kbps with maximum bus loading and timing. The device is
capable of operating at higher baud rates, up to a maximum of clock/20, with reduced bus loading. The
maximum communication length and the number of devices that can be connected are limited by a
maximum bus capacitance of 400 pF.
For additional detail, please refer to volume 1 of the HCS08 Reference Manual, (Motorola document order
number HCS08RMv1/D).
13.1.1 Features
The IIC includes these distinctive features:
•
Compatible with IIC bus standard
•
Multi-master operation
•
Software programmable for one of 64 different serial clock frequencies
•
Software selectable acknowledge bit
•
Interrupt driven byte-by-byte data transfer
•
Arbitration lost interrupt with automatic mode switching from master to slave
•
Calling address identification interrupt
•
START and STOP signal generation/detection
•
Repeated START signal generation
•
Acknowledge bit generation/detection
•
Bus busy detection
13.1.2 Modes of Operation
TIIC functions the same in normal and monitor modes. A brief description of the IIC in the various MCU
modes is given here.
•
Run mode — This is the basic mode of operation. To conserve power in this mode, disable the
module.
•
Wait mode — The module will continue to operate while the MCU is in wait mode and can provide
a wake-up interrupt.
•
Stop mode — The IIC is inactive in stop3 mode for reduced power consumption. The STOP
instruction does not affect IIC register states. Stop1 and stop2 will reset the register contents.
13.1.3 Block Diagram
Figure 13-2 is a block diagram of the IIC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com