전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 210 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 210 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 206Page - Motorola, Inc HCS08 Datasheet HTML 207Page - Motorola, Inc HCS08 Datasheet HTML 208Page - Motorola, Inc HCS08 Datasheet HTML 209Page - Motorola, Inc HCS08 Datasheet HTML 210Page - Motorola, Inc HCS08 Datasheet HTML 211Page - Motorola, Inc HCS08 Datasheet HTML 212Page - Motorola, Inc HCS08 Datasheet HTML 213Page - Motorola, Inc HCS08 Datasheet HTML 214Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 290 page
background image
Inter-Integrated Circuit (IIC) Module
MC9S08GB/GT
210
MOTOROLA
13.2.1 IIC Protocol
The IIC bus system uses a serial data line (SDA) and a serial clock line (SCL) for data transfer. All devices
connected to it must have open drain or open collector outputs. A logic AND function is exercised on both
lines with external pull-up resistors. The value of these resistors is system dependent.
Normally, a standard communication is composed of four parts:
•
START signal
•
Slave address transmission
•
Data transfer
•
STOP signal
The STOP signal should not be confused with the CPU STOP instruction. The IIC bus system
communication is described briefly in the following sections and illustrated in Figure 13-3.
Figure 13-3 IIC Bus Transmission Signals
13.2.1.1 START Signal
When the bus is free; i.e., no master device is engaging the bus (both SCL and SDA lines are at logical
high), a master may initiate communication by sending a START signal. As shown in Figure 13-3, a
START signal is defined as a high-to-low transition of SDA while SCL is high. This signal denotes the
beginning of a new data transfer (each data transfer may contain several bytes of data) and brings all slaves
out of their idle states.
SCL
SDA
START
SIGNAL
ACK
BIT
123
4567
8
MSB
LSB
123
4567
8
MSB
LSB
STOP
SIGNAL
NO
SCL
SDA
123
456
7
8
MSB
LSB
1
2
5
678
MSB
LSB
REPEATED
34
99
AD7 AD6 AD5 AD4 AD3 AD2 AD1 R/W
XXX
D7
D6
D5
D4
D3
D2
D1
D0
CALLING ADDRESS
READ/
DATA BYTE
AD7 AD6 AD5 AD4 AD3 AD2 AD1 R/W
AD7 AD6 AD5 AD4 AD3 AD2 AD1 R/W
NEW CALLING ADDRESS
99
XX
ACK
BIT
WRITE
START
SIGNAL
START
SIGNAL
ACK
BIT
CALLING ADDRESS
READ/
WRITE
STOP
SIGNAL
NO
ACK
BIT
READ/
WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com