전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 228 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 228 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 224Page - Motorola, Inc HCS08 Datasheet HTML 225Page - Motorola, Inc HCS08 Datasheet HTML 226Page - Motorola, Inc HCS08 Datasheet HTML 227Page - Motorola, Inc HCS08 Datasheet HTML 228Page - Motorola, Inc HCS08 Datasheet HTML 229Page - Motorola, Inc HCS08 Datasheet HTML 230Page - Motorola, Inc HCS08 Datasheet HTML 231Page - Motorola, Inc HCS08 Datasheet HTML 232Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 290 page
background image
Analog-to-Digital Converter (ATD) Module
MC9S08GB/GT
228
MOTOROLA
•
Integral non-linearity (INL) — This is the difference between the transition voltage to the current
code and the transition to the corresponding code on the adjusted transfer curve. INL is a measure
of how straight the line is (how far it deviates from a straight line). The adjusted ideal transition
voltage is:
•
Zero scale error (EZS) — This is the difference between the transition voltage to the first valid code
and the ideal transition to that code. Normally, it is defined as the difference between the actual and
ideal transition to code $001, but in some cases the first transition may be to a higher code. The ideal
transition to any code is:
•
Full scale error (EFS) — This is the difference between the transition voltage to the last valid code
and the ideal transition to that code. Normally, it is defined as the difference between the actual and
ideal transition to code $3FF, but in some cases the last transition may be to a lower code. The ideal
transition to any code is:
•
Total unadjusted error (ETU) — This is the difference between the transition voltage to a given code
and the ideal straight-line transfer function. An alternate definition (with the same result) is the
difference between the actual transfer function and the ideal straight-line transfer function. This
measure of error includes inherent quantization error and all forms of circuit error (INL, DNL,
zero-scale, and full-scale) except input leakage error, which is not due to the ATD.
•
Input leakage error (EIL) — This is the error between the transition voltage to the current code and
the ideal transition to that code that is the result of input leakage across the real portion of the
impedance of the network that drives the analog input. This error is a system-observable error which
is not inherent to the ATD, so it is not added to total error. This error is:
EIL (in V) = input leakage * RAS
There are two other forms of error which are not specified which can also affect ATD accuracy. These are:
•
Sampling error (ES) — The error due to inadequate time to charge the ATD circuitry
•
Noise error (EN) — The error due to noise on VAIN,VREFH,orVREFL due to either direct coupling
(noise source capacitively coupled directly on the signal) or power supply (VDDAD,VSSAD,VDD,
and VSS) noise interfering with the ATD’s ability to resolve the input accurately. The error due to
internal sources can be reduced (and specified operation achieved) by operating the ATD
conversion in wait mode and ceasing all IO activity. Reducing the error due to external sources is
dependent on system activity and board layout.
(Current Code - 1/2)
2N
Adjusted Ideal Trans. V =
* ((VREFH + EFS) - (VREFL + EZS))
(Current Code - 1/2)
Ideal Transition V =
2N
*(VREFH – VREFL)
(Current Code - 1/2)
Ideal Transition V =
2N
*(VREFH – VREFL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com