전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 225 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 225 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 221Page - Motorola, Inc HCS08 Datasheet HTML 222Page - Motorola, Inc HCS08 Datasheet HTML 223Page - Motorola, Inc HCS08 Datasheet HTML 224Page - Motorola, Inc HCS08 Datasheet HTML 225Page - Motorola, Inc HCS08 Datasheet HTML 226Page - Motorola, Inc HCS08 Datasheet HTML 227Page - Motorola, Inc HCS08 Datasheet HTML 228Page - Motorola, Inc HCS08 Datasheet HTML 229Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
225
MC9S08GB/GT
14.3.1 Mode Control
The ATD has a mode control unit to communicate with the sample and hold (S/H) machine and the SAR
machine when necessary to collect samples and perform conversions. The mode control unit signals the
S/H machine to begin collecting a sample and for the SAR machine to begin receiving a sample. At the
end of the sample period, the S/H machine signals the SAR machine to begin the analog-to-digital
conversion process. The conversion process is terminated when the SAR machine signals the end of
conversion to the mode control unit. For VREFL and VREFH, the SAR machine uses the reference potentials
to set the sampled signal level within itself without relying on the S/H machine to deliver them.
The mode control unit organizes the conversion, specifies the input sample channel, and moves the digital
output data from the SAR register to the result register. The result register consists of a dual-port register.
The SAR register writes data into the register through one port while the module data bus reads data out
of the register through the other port.
14.3.2 Sample and Hold
The S/H machine accepts analog signals and stores them as capacitor charge on a storage node located in
the SAR machine. Only one sample can be held at a time so the S/H machine and the SAR machine can
not run concurrently even though they are independent machines. Figure 14-3 shows the placement of the
various resistors and capacitors.
Figure 14-3 Resistor and Capacitor Placement
When the S/H machine is not sampling, it disables its own internal clocks.The input analog signals are
unipolar. The signals must fall within the potential range of VSSAD to VDDAD. The S/H machine is not
required to perform special conversions (i.e., convert VREFL and VREFH).
+
RAIN1
RAS
CAS
CAIN
RAIN2
RAIN3
RAINn
ATD SAR
ENGINE
CHANNEL
SELECT 0
CHANNEL
SELECT 1
CHANNEL
SELECT 2
CHANNEL
SELECT n
.
.
.
INPUT PIN
INPUT PIN
INPUT PIN
INPUT PIN
–
VAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com