| 전자부품 데이터시트 검색엔진 |
|
HCS08 데이터시트(PDF) 224 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
HCS08 데이터시트(HTML) 224 Page - Motorola, Inc |
|
224 / 290 page ![]() Analog-to-Digital Converter (ATD) Module MC9S08GB/GT 224 MOTOROLA 14.2 Signal Description 14.2.1 Overview The ATD supports eight input channels and requires 4 supply/reference/ground pins. These pins are listed in Table 14-1. 14.2.1.1 Channel Input Pins — AD7–AD0 The channel pins are used as the analog input pins of the ATD. Each pin is connected to an analog switch which serves as the signal gate into the sample submodule. 14.2.1.2 ATD Reference Pins — VREFH, VREFL These pins serve as the source for the high and low reference potentials for the converter. Separation from the power supply pins accommodates the filtering necessary to achieve the accuracy of which the system is capable. 14.2.1.3 ATD Supply Pins — VDDAD, VSSAD These two pins are used to supply power and ground to the analog section of the ATD. Dedicated power is required to isolate the sensitive analog circuitry from the normal levels of noise present on digital power supplies. NOTE: VDDAD and VDD must be at the same potential. Likewise, VSSAD and VSS must be at the same potential. 14.3 Functional Description The ATD uses a successive approximation register (SAR) architecture. The ATD contains all the necessary elements to perform a single analog-to-digital conversion. A write to the ATDSC register initiates a new conversion. A write to the ATDC register will interrupt the current conversion but it will not initiate a new conversion. A write to the ATDPE register will also abort the current conversion but will not initiate a new conversion. If a conversion is already running when a write to the ATDSC register is made, it will be aborted and a new one will be started. Table 14-1 Signal Properties Name Function AD7–AD0 Channel input pins VREFH High reference voltage for ATD converter VREFL Low reference voltage for ATD converter VDDAD ATD power supply voltage VSSAD ATD ground supply voltage |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |