전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DCDDFR 데이터시트(PDF) 14 Page - Texas Instruments

부품명 TMP411DCDDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DCDDFR 데이터시트(HTML) 14 Page - Texas Instruments

Back Button TMP411DCDDFR Datasheet HTML 10Page - Texas Instruments TMP411DCDDFR Datasheet HTML 11Page - Texas Instruments TMP411DCDDFR Datasheet HTML 12Page - Texas Instruments TMP411DCDDFR Datasheet HTML 13Page - Texas Instruments TMP411DCDDFR Datasheet HTML 14Page - Texas Instruments TMP411DCDDFR Datasheet HTML 15Page - Texas Instruments TMP411DCDDFR Datasheet HTML 16Page - Texas Instruments TMP411DCDDFR Datasheet HTML 17Page - Texas Instruments TMP411DCDDFR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
6.9 Typical Characteristics (TMP411) (continued)
At TA = 25°C and V+ = VS = 5V (unless otherwise noted)
25
20
15
10
5
0
í5
í10
í15
í20
í25
Frequency (MHz)
0
5
10
15
Local 100mV
PP Noise
Remote 100mV
PP Noise
Local 250mV
PP Noise
Remote 250mV
PP Noise
Figure 6-14. Temperature Error vs Power-Supply Noise
Frequency (Legacy Chip)
Frequency (Hz)
0x100
5x106
10x106
15x106
-25
-20
-15
-10
-5
0
5
10
15
20
25
100mVPP Noise (New chip)
250mVPP Noise (New chip)
100mVPP Noise (Legacy chip)
250mVPP Noise (Legacy chip)
Figure 6-15. Remote Temperature Error vs Power-Supply Noise
Frequency (Comparison of Legacy Chip and New Chip)
500
450
400
350
300
250
200
150
100
50
0
Conversion Rate (conversions/sec)
0.0625
0.125
0.25
0.5
1
2
4
8
VS= 2.7V
VS= 5.5V
Figure 6-16. Quiescent Current vs Conversion Rate (Legacy
Chip)
Conversion Rate (conversions/sec)
0.0625
0.2 0.3
0.5 0.7 1
2
3 4 5 6 7 8
0
10
20
30
40
50
0.125
0.25
VS= 2.7V
VS= 5.5V
Figure 6-17. Quiescent Current vs Conversion Rate (New Chip)
500
450
400
350
300
250
200
150
100
50
0
SCL CLock Frequency (Hz)
1k
10k
100k
1M
10M
V
S = 3.3V
V
S = 5.5V
Figure 6-18. Shutdown Quiescent Current vs SCL Clock
Frequency (Legacy Chip)
SCL CLock Frequency (Hz)
1x103
1x104
1x105
1x106
1x107
0
10
20
30
40
50
60
70
80
VS = 3.3V
VS = 5.5V
Figure 6-19. Shutdown Quiescent Current vs SCL Clock
Frequency (New Chip)
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com