전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DCDDFR 데이터시트(PDF) 46 Page - Texas Instruments

부품명 TMP411DCDDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DCDDFR 데이터시트(HTML) 46 Page - Texas Instruments

Back Button TMP411DCDDFR Datasheet HTML 42Page - Texas Instruments TMP411DCDDFR Datasheet HTML 43Page - Texas Instruments TMP411DCDDFR Datasheet HTML 44Page - Texas Instruments TMP411DCDDFR Datasheet HTML 45Page - Texas Instruments TMP411DCDDFR Datasheet HTML 46Page - Texas Instruments TMP411DCDDFR Datasheet HTML 47Page - Texas Instruments TMP411DCDDFR Datasheet HTML 48Page - Texas Instruments TMP411DCDDFR Datasheet HTML 49Page - Texas Instruments TMP411DCDDFR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
10 Device and Documentation Support
10.1 Documentation Support
10.1.1 Related Documentation
• Texas Instruments, Optimizing Remote Temperature Sensor Design, application note
• Texas Instruments, TMP451 ±1°C Remote and Local Temperature Sensor With η-Factor and Offset
Correction, Series-Resistance Cancellation, and Programmable Digital Filter, data sheet
• Texas Instruments, TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin Programmable
Alert Thresholds, data sheet
• Texas Instruments, ±1°C Remote and Local Temperature Sensor, data sheet
• Texas Instruments, Remote Temperature Sensor Transistor Selection Guide, application note
• Texas Instruments, TMP411 Evaluation Module, EVM
10.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
10.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
10.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
10.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
10.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
11 Revision History
Changes from Revision D (August 2016) to Revision E (July 2025)
Page
• Added TMP411D device throughout the document............................................................................................1
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Changed the terminology "Master" to "Controller" and "Slave" to "Target" throughout the document .............. 1
• Updated the "Conversion time" throughout the document................................................................................. 1
• Changed the average and shutdown currents throughout the document...........................................................1
• Updated the maximum voltage ratings on D+/D- pins........................................................................................6
• Updated the maximum voltage rating on pins 4, 6, 7, 8..................................................................................... 6
• Updated the maximum voltage rating on V+ pin................................................................................................ 6
• Added D and DGK packages “Thermal Information” for the New chip...............................................................6
• Added "Conversion time" for the New chip in Electrical Characteristics table....................................................7
• Updated the typo for Hysteresis typical value from 500mV to 170mV................................................................7
• Added "Logic input current" for the New chip in Electrical Characteristics table................................................ 7
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
46
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com