전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DCDDFR 데이터시트(PDF) 38 Page - Texas Instruments

부품명 TMP411DCDDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DCDDFR 데이터시트(HTML) 38 Page - Texas Instruments

Back Button TMP411DCDDFR Datasheet HTML 34Page - Texas Instruments TMP411DCDDFR Datasheet HTML 35Page - Texas Instruments TMP411DCDDFR Datasheet HTML 36Page - Texas Instruments TMP411DCDDFR Datasheet HTML 37Page - Texas Instruments TMP411DCDDFR Datasheet HTML 38Page - Texas Instruments TMP411DCDDFR Datasheet HTML 39Page - Texas Instruments TMP411DCDDFR Datasheet HTML 40Page - Texas Instruments TMP411DCDDFR Datasheet HTML 41Page - Texas Instruments TMP411DCDDFR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
8.11 Consecutive Alert Register
The value in the Consecutive Alert Register (address 22h) determines how many consecutive out-of-limit
measurements must occur on a measurement channel before the ALERT signal is activated. The value in
this register does not effect bits in the Status Register. Values of one, two, three, or four consecutive conversions
can be selected; one conversion is the default. The function allows additional filtering for the ALERT pin. The
consecutive alert bits are listed in Table 8-7:
Table 8-7. Consecutive Alert Register
CONSECUTIVE ALERT REGISTER (READ = 22h, WRITE = 22h, POR = 01h)
C2
C1
C0
NUMBER OF CONSECUTIVE OUT OF
LIMIT MEASUREMENTS
0
0
0
1
0
0
1
2
0
1
1
3
1
1
1
4
Note
Bit 7 of the Consecutive Alert Register controls the enable/disable of the timeout function. See the
Timeout Function section for a description of this feature.
8.12 THERM Hysteresis Register
The THERM Hysteresis Register, shown in Table 8-9, stores the hysteresis value for the THERM pin alarm
function. This register must be programmed with a value that is less than the Local Temperature High Limit
Register value, Remote Temperature High Limit Register value, Local THERM Limit Register value, or Remote
THERM Limit Register value, otherwise the respective temperature comparator does not trip on the falling edges
of the measured temperature. Permitted hysteresis values are listed in Table 8-8. The default hysteresis value is
10°C, whether the device is operating in the standard or extended mode setting.
Table 8-8. Allowable THERM Hysteresis Values
TEMPERATURE (°C)
THERM HYSTERESIS VALUES
TH [11:1]
(STANDARD BINARY)
(HEX)
0
0000 0000
00
1
0000 0001
01
5
0000 0101
05
10
0000 1010
0A
25
0001 1001
19
50
0011 0010
32
75
0100 1011
4B
100
0110 0100
64
125
0111 1101
7D
127
0111 1111
7F
150
1001 0110
96
175
1010 1111
AF
200
1100 1000
C8
225
1110 0001
E1
255
1111 1111
FF
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
38
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com