전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DCDDFR 데이터시트(PDF) 6 Page - Texas Instruments

부품명 TMP411DCDDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DCDDFR 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TMP411DCDDFR Datasheet HTML 2Page - Texas Instruments TMP411DCDDFR Datasheet HTML 3Page - Texas Instruments TMP411DCDDFR Datasheet HTML 4Page - Texas Instruments TMP411DCDDFR Datasheet HTML 5Page - Texas Instruments TMP411DCDDFR Datasheet HTML 6Page - Texas Instruments TMP411DCDDFR Datasheet HTML 7Page - Texas Instruments TMP411DCDDFR Datasheet HTML 8Page - Texas Instruments TMP411DCDDFR Datasheet HTML 9Page - Texas Instruments TMP411DCDDFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Input voltage
Pins 2, 3, 4 only
TMP411 (Legacy chip)
–0.5
(V+) + 0.5
V
Pins 6, 7, 8 only
–0.5
7
Pins 2, 3 only
TMP411 (New chip)
TMP411D
–0.5
2
V
Pins 4, 6, 7, 8 only
–0.5
6
Input current
10
mA
Power supply, V+
TMP411 (Legacy chip)
7
V
TMP411 (New chip)
TMP411D
6
Operating temperature range
–55
127
°C
Junction temperature, TJ(max)
150
°C
Storage temperature, Tstg
–60
130
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±1000
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
Over free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
V+
Supply voltage, TMP411
2.7
3.3
5.5
V
Supply voltage, TMP411D
1.62
3.3
5.5
TA
Operating free-air temperature
–40
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
TMP411/TMP411D
UNIT
D (SOIC)
Legacy chip
D (SOIC)
New chip
DGK
(VSSOP)
Legacy chip
DGK
(VSSOP)
New chip
DDF
(SOT-23)
8 PINS
8 PINS
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
112.3
109.9
166.1
161.5
182.4
°C/W
Rθ
JC(top)
Junction-to-case (top) thermal resistance
59.4
49.8
58.3
71.1
98.9
°C/W
RθJB
Junction-to-board thermal resistance
53.0
56.9
86.7
96.6
99.1
°C/W
ψJT
Junction-to-top characterization parameter
13.6
6.0
7.5
9.2
10.4
°C/W
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com