전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DCDDFR 데이터시트(PDF) 33 Page - Texas Instruments

부품명 TMP411DCDDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DCDDFR 데이터시트(HTML) 33 Page - Texas Instruments

Back Button TMP411DCDDFR Datasheet HTML 29Page - Texas Instruments TMP411DCDDFR Datasheet HTML 30Page - Texas Instruments TMP411DCDDFR Datasheet HTML 31Page - Texas Instruments TMP411DCDDFR Datasheet HTML 32Page - Texas Instruments TMP411DCDDFR Datasheet HTML 33Page - Texas Instruments TMP411DCDDFR Datasheet HTML 34Page - Texas Instruments TMP411DCDDFR Datasheet HTML 35Page - Texas Instruments TMP411DCDDFR Datasheet HTML 36Page - Texas Instruments TMP411DCDDFR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
read command from address 00h for the local channel result, or from address 01h for the remote channel result.
The high byte is read first, followed by the low byte. Both bytes of this read operation are from the same ADC
conversion. The power-on-reset value of both temperature registers is 00h.
8.4 Limit Registers
The TMP411/TMP411D has 11 registers for setting comparator limits for the local and remote measurement
channels. These registers have read and write capability. The High and Low Limit Registers for both channels
span two registers, as do the temperature registers. The local temperature high limit is set by writing the high
byte to pointer address 0Bh, writing the low byte to pointer address 16h, or by using a single two-byte write
command (high byte first) to pointer address 0Bh. The local temperature high limit is read by the high byte from
pointer address 05h, the low byte from pointer address 16h, or by using a two-byte read command from pointer
address 05h. The power-on-reset value of the local temperature high limit is 5500h. The power-on-reset value of
the local temperature high limit is 5500h (85°C in standard temperature mode and 21°C in extended temperature
mode).
Similarly, the local temperature low limit is set by writing the high byte to pointer address 0Ch, writing the low
byte to pointer address 17h, or by using a single two-byte write command to pointer address 0Ch. The local
temperature low limit is read by the high byte from pointer address 06h, the low byte from pointer address 17h,
or by using a two-byte read from pointer address 06h. The power-on-reset value of the local temperature low
limit register is 00h (0°C in standard temperature mode, and −64°C in extended mode).
The remote temperature high limit is set by writing the high byte to pointer address 0Dh, writing the low byte to
pointer address 13h, or by using a two-byte write command to pointer address 0Dh. The remote temperature
high limit is read by the high byte from pointer address 07h, the low byte from pointer address 13h, or by using
a two-byte read command from pointer address 07h. The power-on-reset value of the Remote Temperature High
Limit Register is 55h or 00h (85°C in standard temperature mode, and 21°C in extended temperature mode).
The remote temperature low limit is set by writing the high byte to pointer address 0Eh, writing the low byte to
pointer address 14h, or by using a two-byte write to pointer address 0Eh. The remote temperature low limit is
read by the high byte from pointer address 08h, the low byte from pointer address 14h, or by using a two-byte
read from pointer address 08h. The power-on-reset value of the Remote Temperature Low Limit Register is 00h
(0°C in standard temperature mode, and −64°C in extended mode).
The TMP411/TMP411D has a THERM limit register for the local and remote channels. These registers are
eight bits and allow for THERM limits to be set to 1°C resolution. The local channel THERM limit is set by
writing to pointer address 20h. The remote channel THERM limit is set by writing to pointer address 19h. The
local channel THERM limit is read from pointer address 20h, and the remote channel THERM limit is read
from pointer address 19h. The power-on-reset value of the THERM limit registers is 55h (85°C in standard
temperature mode or 21°C in extended temperature mode). The THERM limit comparators have hysteresis.
The hysteresis of the comparators is set by writing to pointer address 21h. The hysteresis value is obtained by
reading from pointer address 21h. The Hysteresis Register value is an unsigned number that is always positive.
The power-on-reset value of this register is 0Ah (10°C).
When changing between standard and extended temperature ranges, note that the temperatures stored in the
temperature limit registers do not automatically reformat to correspond to the new temperature range format.
These values must be reprogrammed in the appropriate binary or extended binary format.
8.5 Status Register
The TMP411/TMP411D has a Status Register that reports the state of the temperature comparators. Table 8-2
lists the Status Register bits. The Status Register is read-only from pointer address 02h.
The BUSY bit reads as 1 if the ADC is making a conversion, and 0 if the ADC is not converting.
The OPEN bit reads as 1 if the remote transistor is detected as OPEN since the last read of the Status Register.
The OPEN status is only detected when the ADC is attempting to convert a remote temperature.
The RTHRM bit reads as 1 if the remote temperature exceeds the remote THERM limit, remains greater than the
remote THERM limit, and less than the value in the shared Hysteresis Register, as shown in Figure 7-8.
www.ti.com
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com