전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DCDDFR 데이터시트(PDF) 22 Page - Texas Instruments

부품명 TMP411DCDDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DCDDFR 데이터시트(HTML) 22 Page - Texas Instruments

Back Button TMP411DCDDFR Datasheet HTML 18Page - Texas Instruments TMP411DCDDFR Datasheet HTML 19Page - Texas Instruments TMP411DCDDFR Datasheet HTML 20Page - Texas Instruments TMP411DCDDFR Datasheet HTML 21Page - Texas Instruments TMP411DCDDFR Datasheet HTML 22Page - Texas Instruments TMP411DCDDFR Datasheet HTML 23Page - Texas Instruments TMP411DCDDFR Datasheet HTML 24Page - Texas Instruments TMP411DCDDFR Datasheet HTML 25Page - Texas Instruments TMP411DCDDFR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
Table 7-3. 12-Bit Q4 Bit Values in °C
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
64
32
16
8
4
2
1
0.5
0.25
0.125 0.0625
-
-
-
-
-
64
32
16
8
4
2
1
1/2
1/4
1/8
1/16
-
-
-
-
-
26
25
24
23
22
21
20
2-1
2-2
2-3
2-4
-
-
-
-
/* 12-bit format will have 4 bits discarded by right shift
q4 is 0.062500 resolution
the following bytes represent 24.5C
there is no cast into signed type */
uint8_t byte1 = 0x18;
uint8_t byte2 = 0x80;
float f = ((byte1 << 8 | byte2) >> 4) * 0.0625f;
int mC = ((byte1 << 8 | byte2) >> 4) * 1000 >> 4;
int C = byte1;
Note
Whenever changing between standard and extended temperature ranges, be aware that the
temperatures stored in the temperature limit registers are NOT automatically reformatted to
correspond to the new temperature range format. These temperature limit values must be
reprogrammed in the appropriate binary or extended binary format.
Local and remote temperature data uses two bytes for data storage. The high byte stores the temperature with
a resolution of 1°C. The second or low byte stores the decimal fraction value of the temperature and allows a
higher measurement resolution, as listed in Table 7-4. The measurement resolution for the remote channel is
0.0625°C, and is not adjustable. The measurement resolution for the local channel is adjustable, and can be set
for either 0.5°C, 0.25°C, 0.125°C, or 0.0625°C by setting the RES1 and RES0 bits listed in Table 8-4.
Table 7-4. Decimal Fraction Temperature Data Format (Local and Remote Temperature Low Bytes)
TEMP
(°C)
REMOTE TEMPERATURE
REGISTER LOW BYTE VALUE
LOCAL TEMPERATURE REGISTER LOW BYTE VALUE
0.0625°C RESOLUTION
0.5°C RESOLUTION
0.25°C RESOLUTION
0.125°C RESOLUTION
0.0625°C RESOLUTION
STANDARD AND
EXTENDED BINARY
HEX
STANDARD AND
EXTENDED BINARY
HEX
STANDARD
AND EXTENDED
BINARY
HEX
STANDARD AND
EXTENDED BINARY
HEX
STANDARD AND
EXTENDED BINARY
HEX
0.0000
0000 0000
00
0000 0000
00
0000 0000
00
0000 0000
00
0000 0000
00
0.0625
0001 0000
10
0000 0000
00
0000 0000
00
0000 0000
00
0001 0000
10
0.1250
0010 0000
20
0000 0000
00
0000 0000
00
0010 0000
20
0010 0000
20
0.1875
0011 0000
30
0000 0000
00
0000 0000
00
0010 0000
20
0011 0000
30
0.2500
0100 0000
40
0000 0000
00
0100 0000
40
0100 0000
40
0100 0000
40
0.3125
0101 0000
50
0000 0000
00
0100 0000
40
0100 0000
40
0101 0000
50
0.3750
0110 0000
60
0000 0000
00
0100 0000
40
0110 0000
60
0110 0000
60
0.4375
0111 0000
70
0000 0000
00
0100 0000
40
0110 0000
60
0111 0000
70
0.5000
1000 0000
80
1000 0000
80
1000 0000
80
1000 0000
80
1000 0000
80
0.5625
1001 0000
90
1000 0000
80
1000 0000
80
1000 0000
80
1001 0000
90
0.6250
1010 0000
A0
1000 0000
80
1000 0000
80
1010 0000
A0
1010 0000
A0
0.6875
1011 0000
B0
1000 0000
80
1000 0000
80
1010 0000
A0
1011 0000
B0
0.7500
1100 0000
C0
1000 0000
80
1100 0000
C0
1100 0000
C0
1100 0000
C0
0.8125
1101 0000
D0
1000 0000
80
1100 0000
C0
1100 0000
C0
1101 0000
D0
0.8750
1110 0000
E0
1000 0000
80
1100 0000
C0
1110 0000
E0
1110 0000
E0
0.9375
1111 0000
F0
1000 0000
80
1100 0000
C0
1110 0000
E0
1111 0000
F0
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com