전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DCDDFR 데이터시트(PDF) 45 Page - Texas Instruments

부품명 TMP411DCDDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DCDDFR 데이터시트(HTML) 45 Page - Texas Instruments

Back Button TMP411DCDDFR Datasheet HTML 41Page - Texas Instruments TMP411DCDDFR Datasheet HTML 42Page - Texas Instruments TMP411DCDDFR Datasheet HTML 43Page - Texas Instruments TMP411DCDDFR Datasheet HTML 44Page - Texas Instruments TMP411DCDDFR Datasheet HTML 45Page - Texas Instruments TMP411DCDDFR Datasheet HTML 46Page - Texas Instruments TMP411DCDDFR Datasheet HTML 47Page - Texas Instruments TMP411DCDDFR Datasheet HTML 48Page - Texas Instruments TMP411DCDDFR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
1
2
3
4
8
7
6
5
TMP411
0.1µF Capacitor
PCB Via
PCB Via
V+
GND
Figure 9-11. Suggested Bypass Capacitor Placement
9.4.2 Layout Example
Serial Bus Traces
Pullup Resistors
Supply Bypass
Capacitor
Supply Voltage
D+
D-
SC L
SDA
GND
V+
1
2
3
4
8
7
6
5
RS
RS
CDIFF
Thermal
Shutdown
THERM
ALERT/
THERM2
VIA to Power or Ground Plane
VIA to Internal Layer
Figure 9-12. TMP411/TMP411D Device Layout (Equal I2C Pullup and Supply Voltage Application)
Figure 9-13. TMP411/TMP411D Different Package Sizes
www.ti.com
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com