전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DCDDFR 데이터시트(PDF) 31 Page - Texas Instruments

부품명 TMP411DCDDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DCDDFR 데이터시트(HTML) 31 Page - Texas Instruments

Back Button TMP411DCDDFR Datasheet HTML 27Page - Texas Instruments TMP411DCDDFR Datasheet HTML 28Page - Texas Instruments TMP411DCDDFR Datasheet HTML 29Page - Texas Instruments TMP411DCDDFR Datasheet HTML 30Page - Texas Instruments TMP411DCDDFR Datasheet HTML 31Page - Texas Instruments TMP411DCDDFR Datasheet HTML 32Page - Texas Instruments TMP411DCDDFR Datasheet HTML 33Page - Texas Instruments TMP411DCDDFR Datasheet HTML 34Page - Texas Instruments TMP411DCDDFR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
Table 8-1. Register Map Summary (continued)
POINTER ADDRESS
(HEX)
POWER-ON-
RESET (HEX)
BIT DESCRIPTION
REGISTER DESCRIPTIONS
READ
WRITE
D7
D6
D5
D4
D3
D2
D1
D0
33
33
00
LXT3
LXT2
LXT1
LXT0
0
0
0
0
Local Temperature Maximum
(Low Byte)
34
34
FF
RMT11
RMT10
RMT9
RMT8
RMT7
RMT6
RMT5
RMT4
Remote Temperature Minimum
(High Byte)
35
35
F0
RTM3
RTM2
RTM1
RTM0
0
0
0
0
Remote Temperature Minimum
(Low Byte)
36
36
00
RXT11
RXT10
RXT9
RXT8
RXT7
RXT6
RXT5
RXT4
Remote Temperature Maximum
(High Byte)
37
37
00
RXT3
RXT2
RXT1
RXT0
0
0
0
0
Remote Temperature Maximum
(Low Byte)
NA
FC
XX
X (2)
X
X
X
X
X
X
X
Software Reset
FE
NA
55
0
1
0
1
0
1
0
1
Manufacturer ID
FF
NA
12
0
0
0
1
0
0
1
0
Device ID for
TMP411A/TMP411DA
FF
NA
13
0
0
0
1
0
0
1
1
Device ID for
TMP411B/TMP411DB
FF
NA
10
0
0
0
1
0
0
0
0
Device ID for
TMP411C/TMP411DC
FF
NA
12
0
0
0
1
0
0
1
0
Device ID for
TMP411E/TMP411DE
(1)
NA = not applicable; register is write- or read-only.
(2)
X = indeterminable state.
(3)
Offset registers 11 and 12 are only available for the TMP411E/TMP411DE device.
www.ti.com
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com