전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DCDDFR 데이터시트(PDF) 19 Page - Texas Instruments

부품명 TMP411DCDDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DCDDFR 데이터시트(HTML) 19 Page - Texas Instruments

Back Button TMP411DCDDFR Datasheet HTML 15Page - Texas Instruments TMP411DCDDFR Datasheet HTML 16Page - Texas Instruments TMP411DCDDFR Datasheet HTML 17Page - Texas Instruments TMP411DCDDFR Datasheet HTML 18Page - Texas Instruments TMP411DCDDFR Datasheet HTML 19Page - Texas Instruments TMP411DCDDFR Datasheet HTML 20Page - Texas Instruments TMP411DCDDFR Datasheet HTML 21Page - Texas Instruments TMP411DCDDFR Datasheet HTML 22Page - Texas Instruments TMP411DCDDFR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
7 Detailed Description
7.1 Overview
The TMP411/TMP411D is a dual-channel digital temperature sensor that combines a local die-temperature
measurement channel in a single VSSOP-8, SOIC-8 or SOT23-8 package. The TMP411/TMP411D is two-wire
and SMBus interface-compatible and is specified over a temperature range of –40°C to 125°C. The TMP411/
TMP411D device contains multiple registers for holding configuration information, temperature measurement
results, temperature comparator maximum and minimum limits, and status information.
User-programmed high and low temperature limits stored in the TMP411/TMP411D triggers an overtemperature
alarm (ALERT) on local and remote temperatures. Additional thermal limits can be programmed into
the TMP411/TMP411D and can trigger another flag (THERM) that initiates a system response to rising
temperatures.
The TMP411/TMP411D requires only a transistor connected between D+ and D– for proper remote temperature
sensing operation. The SCL and SDA interface pins require pullup resistors as part of the communication
bus, while ALERT and THERM pins are open-drain outputs that require pullup resistors. ALERT and THERM
pins can be shared with other devices for a wired-OR implementation, if desired. TI recommends using a
0.1µF power-supply bypass capacitor for good local bypassing. Figure 7-1 shows a typical configuration for the
TMP411/TMP411D.
0.1µF
D+
D
V+
1
8
7
6
4
5
3
2
RS
RS
CDIFF
CDIFF
GND
SCL
SDA
ALERT/THERM2
THERM
+5V
SMBus
Controller
Fan Controller
Series Resistance
RS
RS
(B)
(B)
(C)
(C)
(B)
(B)
10k
(typ)
10k
(typ)
10k
(typ)
10k
(typ)
TMP411
TMP411D
CDIFF
RS
RS
(C)
(B)
(B)
PNP Diode-connected configuration
(A):
Transistor-connected configuration
(A):
NPN Diode-connected configuration
(A):
A.
Diode-connected configuration provides better settling time. Transistor-connected configuration provides better series resistance
cancellation. NPN transistors must be diode-connected. PNP transistors can either be transistor or diode-connected. TI recommends
this layout for the MMBT3906LP and MMBT3904LP devices.
B.
Rs (optional) must be < 1.5kΩ in most applications. Selections of Rs depends on specific applications; see the Filtering section.
C.
CDIFF (optional) must be < 1000pF in most applications. Selection of CDIFF depends on specific application; see the Filtering section and
Figure 6-12 (Figure 6-13 for new chip) and Figure 6-27.
Figure 7-1. Basic Connections
www.ti.com
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com