전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DCDDFR 데이터시트(PDF) 5 Page - Texas Instruments

부품명 TMP411DCDDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DCDDFR 데이터시트(HTML) 5 Page - Texas Instruments

  TMP411DCDDFR Datasheet HTML 1Page - Texas Instruments TMP411DCDDFR Datasheet HTML 2Page - Texas Instruments TMP411DCDDFR Datasheet HTML 3Page - Texas Instruments TMP411DCDDFR Datasheet HTML 4Page - Texas Instruments TMP411DCDDFR Datasheet HTML 5Page - Texas Instruments TMP411DCDDFR Datasheet HTML 6Page - Texas Instruments TMP411DCDDFR Datasheet HTML 7Page - Texas Instruments TMP411DCDDFR Datasheet HTML 8Page - Texas Instruments TMP411DCDDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
5 Pin Configuration and Functions
1
V+
8
SCL
2
D+
7
SDA
3
D–
6
ALERT/THERM2
4
THERM
5
GND
Not to scale
Figure 5-1. DGK, D and DDF Packages
8-Pin VSSOP, SOIC and SOT23
Top View
Table 5-1. Pin Functions
PIN
Type
DESCRIPTION
NAME
NO.
V+
1
Power supply
Positive supply (2.7V to 5.5V for TMP411) and (1.62V to 5.5V for TMP411D)
D+
2
Analog input
Positive connection to remote temperature sensor
D–
3
Analog input
Negative connection to remote temperature sensor
THERM
4
Digital output
Thermal flag, active low, open-drain; requires pullup resistor to V+
GND
5
Ground
Ground
ALERT/THERM2
6
Digital output
Alert (reconfigurable as second thermal flag), active low, open-drain; requires
pullup resistor to V+
SDA
7
Bidirectional digital
input-output
Serial data line for SMBus, open-drain; requires pull-up resistor to V+
SCL
8
Digital input
Serial clock line for SMBus, open-drain; requires pullup resistor to V+
www.ti.com
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com