전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DCDDFR 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TMP411DCDDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DCDDFR 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TMP411DCDDFR Datasheet HTML 7Page - Texas Instruments TMP411DCDDFR Datasheet HTML 8Page - Texas Instruments TMP411DCDDFR Datasheet HTML 9Page - Texas Instruments TMP411DCDDFR Datasheet HTML 10Page - Texas Instruments TMP411DCDDFR Datasheet HTML 11Page - Texas Instruments TMP411DCDDFR Datasheet HTML 12Page - Texas Instruments TMP411DCDDFR Datasheet HTML 13Page - Texas Instruments TMP411DCDDFR Datasheet HTML 14Page - Texas Instruments TMP411DCDDFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
6.7 Timing Characteristics
FAST MODE
HIGH-SPEED MODE
UNIT
MIN
MAX
MIN
MAX
f(SCL)
SCL operating frequency
0.001
0.4
0.001
3.4
MHz
t(BUF)
Bus free time between STOP and START
condition
600
160
ns
t(HDSTA)
Hold time after repeated START condition.
After this period, the first clock is generated.
100
100
ns
t(SUSTA)
Repeated START condition setup time
100
100
ns
t(SUSTO)
STOP condition setup time
100
100
ns
t(HDDAT)
Data hold time
0(1)
0(2)
ns
t(SUDAT)
Data setup time
TMP411 (Legacy chip)
100
10
ns
TMP411 (New chip)
TMP411D
100
20
t(LOW)
SCL clock LOW period
1300
160
ns
t(HIGH)
SCL clock HIGH period
600
60
ns
tF
Clock and data fall time
300
160
ns
tR
Clock and data rise time
300
160
ns
SCLK ≤ 100kHz
1000
ns
(1)
For cases with an SCL fall time of less than 20ns, or an SDA rise or fall time of less than 20ns, the hold time must be greater than
20ns.
(2)
For cases with an SCL fall time of less than 10ns, or an SDA rise or fall time of less than 10ns, the hold time must be greater than
10ns.
6.8 Two-Wire Timing Diagram
t(BUF)
SDA
SCL
P
S
S
t(HDSTA)
t(HDDAT)
t(HIGH)
t(SUSTA)
t(SUDAT)
t(LOW)
t(HDSTA)
t(SUSTO)
tR
tF
P
Figure 6-1. Two-Wire Timing Diagram
www.ti.com
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com