전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DCDDFR 데이터시트(PDF) 34 Page - Texas Instruments

부품명 TMP411DCDDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DCDDFR 데이터시트(HTML) 34 Page - Texas Instruments

Back Button TMP411DCDDFR Datasheet HTML 30Page - Texas Instruments TMP411DCDDFR Datasheet HTML 31Page - Texas Instruments TMP411DCDDFR Datasheet HTML 32Page - Texas Instruments TMP411DCDDFR Datasheet HTML 33Page - Texas Instruments TMP411DCDDFR Datasheet HTML 34Page - Texas Instruments TMP411DCDDFR Datasheet HTML 35Page - Texas Instruments TMP411DCDDFR Datasheet HTML 36Page - Texas Instruments TMP411DCDDFR Datasheet HTML 37Page - Texas Instruments TMP411DCDDFR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
The LTHRM bit reads as 1 if the local temperature exceeds the local THERM limit, remains greater than the local
THERM limit, and less than the value in the shared Hysteresis Register, as shown in Figure 7-8.
The LHIGH and RHIGH bit values depend on the state of the AL or TH bit in the Configuration Register. If the
AL or TH bit is 0, the LHIGH bit reads as 1 if the local high limit is exceeded since the last clearing of the Status
Register. The RHIGH bit reads as 1 if the remote high limit is exceeded since the last clearing of the Status
Register. If the AL or TH bit is 1, the remote high limit and the local high limit implement a THERM2 function.
LHIGH reads as 1 if the local temperature has exceeded the local high limit and remains greater than the local
high limit, and less than the value in the Hysteresis Register.
The RHIGH bit reads as 1 if the remote temperature exceeds the remote high limit and remains greater than the
remote high limit, and less than the value in the Hysteresis Register.
The LLOW and RLOW bits are not effected by the AL or TH bit. The LLOW bit reads as 1 if the local low limit
is exceeded since the last clearing of the Status Register. The RLOW bit reads as 1 if the remote low limit is
exceeded since the last clearing of the Status Register. When there is no remote diode connected and the power
supply ramp rate is less than 240V/s, RLOW flag is set as well and must be ignored.
The values of the LLOW, RLOW, and OPEN (as well as LHIGH and RHIGH when AL or TH is 0) are latched
and are read as 1 until the Status Register is read or a device reset occurs. These bits are cleared by reading
the Status Register, provided that the condition causing the flag to be set no longer exists. The values of BUSY,
LTHRM, and RTHRM (as well as LHIGH and RHIGH when ALERT/THERM2 is 1) are not latched and are not
cleared by reading the Status Register. The values indicate the current state, and are updated appropriately at
the end of the corresponding ADC conversion. Clearing the Status Register bits does not clear the state of the
ALERT pin. An SMBus alert response address command must clear the ALERT pin.
The TMP411/TMP411D NORs LHIGH, LLOW, RHIGH, RLOW, and OPEN, so a status change for any of these
flags from 0 to 1 automatically causes the ALERT pin to go low. (This only applies when the ALERT/THERM2
pin is configured for ALERT mode).
Table 8-2. Status Register Format
STATUS REGISTER (READ = 02h, WRITE = NA)
Bit Number
D7
D6
D5
D4
D3
D2
D1
D0
Bit Name
BUSY
LHIGH
LLOW
RHIGH
RLOW
OPEN
RTHRM
LTHRM
POR Value
0 (1)
0
0
0
0
0
0
0
(1)
The BUSY bit changes to 1 almost immediately (<< 100µs) following power-up, as the TMP411/TMP411D device begins the first
temperature conversion. The BUSY bit is high whenever the TMP411/TMP411D device is converting a temperature reading.
8.6 Configuration Register
The Configuration Register sets the temperature range, controls shutdown mode, and determines how the
ALERT and THERM2 pins function. The Configuration Register is set by writing to pointer address 09h and by
reading from pointer address 03h.
The MASK bit (bit 7) enables or disables the ALERT pin output if AL or TH = 0. If AL or TH = 1, then the MASK
bit has no effect. If MASK is set to 0, the ALERT pin goes low when one of the temperature measurement
channels exceeds the high or low limits for the selected number of consecutive conversions. If the MASK bit is
set to 1, the TMP411/TMP411D retains the ALERT pin status, but the ALERT pin does not go low.
The shutdown (SD) bit (bit 6) enables or disables the temperature measurement circuitry. If SD = 0, the TMP411/
TMP411D converts continuously at the rate set in the conversion rate register. When SD is set to 1, the TMP411/
TMP411D immediately stops converting and enters shutdown mode. When SD is set to 0 again, the TMP411/
TMP411D resumes continuous conversions. A single conversion starts by writing to the One-Shot Register when
SD = 1.
The AL or TH bit (bit 5) controls if the ALERT pin functions in ALERT mode or THERM2 mode. If AL or TH =
0, the ALERT pin operates as an interrupt pin. In this mode, the ALERT pin goes low after the set number of
consecutive out-of-limit temperature measurements occur.
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
34
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com