전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DCDDFR 데이터시트(PDF) 41 Page - Texas Instruments

부품명 TMP411DCDDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DCDDFR 데이터시트(HTML) 41 Page - Texas Instruments

Back Button TMP411DCDDFR Datasheet HTML 37Page - Texas Instruments TMP411DCDDFR Datasheet HTML 38Page - Texas Instruments TMP411DCDDFR Datasheet HTML 39Page - Texas Instruments TMP411DCDDFR Datasheet HTML 40Page - Texas Instruments TMP411DCDDFR Datasheet HTML 41Page - Texas Instruments TMP411DCDDFR Datasheet HTML 42Page - Texas Instruments TMP411DCDDFR Datasheet HTML 43Page - Texas Instruments TMP411DCDDFR Datasheet HTML 44Page - Texas Instruments TMP411DCDDFR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
9.2 Typical Application
9.2.1 Design Requirements
The TMP411/TMP411D is designed to be used with discrete transistors or substrate transistors built into
processor chips and ASICs. NPN or PNP transistors can be used, as long as the base-emitter junction is
the remote temperature sensor. A transistor or diode connection can be used, as shown in Figure 7-1. The D+
pin waveform is shown in Figure 9-3 while a transistor is connected between the D+ and D– pins. Due to 3
different source currents shown in Functional Block Diagram, the D+ waveform has 3 levels of voltages during
temperature conversion.
Time (s)
0
0.01
0.02
0.03
0.04
0.05
-0.2
0
0.2
0.4
0.6
0.8
Time (s)
0.02
0.0208
0.0216
0.0224
0.0232
0.024
0.5
0.55
0.6
0.65
0.7
Temperature
Conversion
No
Conversion
No
Conversion
Figure 9-3. D+ Waveform
Errors in remote temperature sensor readings are the result of the ideality factor and current excitation
from the TMP411/TMP411D versus the manufacturer-specified operating current for a given transistor. Some
manufacturers specify a high-level and low-level current for the temperature-sensing substrate transistors. The
TMP411/TMP411D has an ILOW value of 6μA, and an IHIGH value of 120μA. The TMP411/TMP411D allows for
different n-factor values, as shown in Table 8-6.
The ideality factor (n) is a measured characteristic of a remote temperature sensor diode compared to an ideal
diode. The ideality factor reduces to a value of 1.008. For transistors with an ideality factor that does not match
the TMP411/TMP411D, Equation 4 calculates the temperature error. Note that the actual temperature (°C) must
be converted to Kelvin (°K) for the equation to yield the correct results.
ERR
n 1.008
T
273.15
T( C)
1.008
§
· u
¨
¸
©
¹
°
or
TERR= nactual − nexpected
nexpected × 273.15+Tactual
֯
C
(4)
where:
• n or nactual = the ideality factor of the remote temperature sensor
• T(°C) or Tactual(°C) = actual temperature
• TERR = Treported - Tactual= device reading error due to n or nactual ≠ 1.008
• Degree delta is the same for °C and °K
• nexpected = 1.008
www.ti.com
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com