전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DCDDFR 데이터시트(PDF) 8 Page - Texas Instruments

부품명 TMP411DCDDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DCDDFR 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TMP411DCDDFR Datasheet HTML 4Page - Texas Instruments TMP411DCDDFR Datasheet HTML 5Page - Texas Instruments TMP411DCDDFR Datasheet HTML 6Page - Texas Instruments TMP411DCDDFR Datasheet HTML 7Page - Texas Instruments TMP411DCDDFR Datasheet HTML 8Page - Texas Instruments TMP411DCDDFR Datasheet HTML 9Page - Texas Instruments TMP411DCDDFR Datasheet HTML 10Page - Texas Instruments TMP411DCDDFR Datasheet HTML 11Page - Texas Instruments TMP411DCDDFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
At TA = -40°C to +125°C and V+ = 2.7V to 5.5V, over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SMBus timeout
25
30
35
ms
SCL falling edge to SDA valid time
1
µs
DIGITAL OUTPUTS
VOL
Output low voltage
IOUT = 6mA
Legacy chip
0.15
0.4
V
New chip
0.3
0.4
IOH
High-level output leakage current
VOUT = V+
Legacy chip
0.1
1
µA
New chip
0.05
0.2
ALERT or THERM2 output low sink
current
ALERT/THERM2 forced to 0.4V
6
mA
THERM output low sink current
THERM forced to 0.4V
6
mA
POWER SUPPLY
V+
Specific voltage range
2.7
5.5
V
IDD_AVG
Average current consumption
0.0625Hz conversion
V+ = 3.3V
Legacy chip
28
30
µA
New chip
1.5
8.2
8Hz conversion
V+ = 3.3V
Legacy chip
400
475
New chip
45
85
IDD_SD
Shutdown current
Serial bus inactive
Legacy chip
3
10
µA
New chip
0.6
7
Serial bus active, fs = 400kHz
Legacy chip
90
New chip
7
Serial bus active, fs = 3.4MHz
Legacy chip
350
New chip
55
Undervoltage lockout
Legacy chip
2.3
2.4
2.6
V
This behavior is combined with
Power-on-reset (POR). For
more information, please see
section 7.3.6 and footnote(2)
New chip
POR
Power-on-reset threshold
Legacy chip
1.6
2.3
V
New chip
1.23
1.4
Brownout detect
New chip
1
1.14
V
(1)
Tested with less than 5Ω effective series resistance and 100pF differential input capacitance. TA is the ambient temperature of the
TMP411. TDIODE is the temperature at the remote diode sensor.
(2)
When there is no remote diode connected, the first remote conversion must be ignored with the power supply ramp rate less than
240V/s.
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com