전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

301020013 데이터시트(PDF) 25 Page - ams-OSRAM AG

부품명 301020013
상세설명  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSOSRAM [ams-OSRAM AG]
홈페이지  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 데이터시트(HTML) 25 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 21Page - ams-OSRAM AG 301020013 Datasheet HTML 22Page - ams-OSRAM AG 301020013 Datasheet HTML 23Page - ams-OSRAM AG 301020013 Datasheet HTML 24Page - ams-OSRAM AG 301020013 Datasheet HTML 25Page - ams-OSRAM AG 301020013 Datasheet HTML 26Page - ams-OSRAM AG 301020013 Datasheet HTML 27Page - ams-OSRAM AG 301020013 Datasheet HTML 28Page - ams-OSRAM AG 301020013 Datasheet HTML 29Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 109 page
background image
Dragster
Functional description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
25 / 109
/
7.1.2
Color filter arrangement for RGB Dragster versions
On the dual line Dragster there is a possibility to have RGB filters that are organized in both
lines as shown in the Figure 9.
Figure 9: Color filter arrangement on Dragster dual line (DR2x8K7)
7.2
Description dragster pixel
The Dragster line scan sensors features a pixel which provides true CDS capability for
elimination of reset noise. Other features include programmable analogue gain, anti-blooming
and anti-corona circuits that can be activated by register configuration. Each pixel features a
programmable 12-bit ADC and memory. Pixels integration, A/D conversion and line readout
can be made fully pipelined so that line rate is limited by the longest operation and not by the
sum of all three.
An overview of the most important blocks of the analogue part and their functionality as well as
the register bits which control the features are described below.
1
...
32
33
34
...
2081
2082
...
4128
4129
...
6174
6175
...
8223
8224
1
...
32
33
34
...
2081
2082
...
4128
4129
...
6174
6175
...
8223
8224
7 µm
7 µm
7 µm
Upper Line
Lower Line
Special Pixels
Active Pixels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More