| 전자부품 데이터시트 검색엔진 |
|
301020013 데이터시트(PDF) 41 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
301020013 데이터시트(HTML) 41 Page - ams-OSRAM AG |
|
41 / 109 page ![]() Dragster Functional description Datasheet • PUBLIC • Document Feedback DS000444 • v5-00 • 2025-Aug-29 41 / 109 / SAMPLE Signal Timing: • SAMPLE rising edge must follow below rules: – Occur at least 1 µs after RST_CDS falling edge. – Occur at least 1 clock cycle after END_ADC goes HIGH. Two configuration options for SAMPLE pulse width are available: 1. Fixed Pulse Width (1 µs): – The entire SAMPLE pulse (rising and falling edges) is shifted in time to adjust when the integration ends, having in consideration the respective timing rules. 2. Variable Pulse Width: – Both SAMPLE rising and falling edges areadjusted to control integration time, having in consideration the respective timing rules. – For a minimum integration time of 2 µs, the SAMPLE pulse must remain high for at least 1 µs. END_ADC Timing: • The END_ADC falling edge occurs 8 clock cycles after SAMPLE falling edge. LOAD_PULSE Timing: • The LOAD_PULSE signal (1 clock cycle) rising edge must occur at least 4 clock cycles after the later of: – LVAL falling edge, or – END_ADC rising edge. LVAL Timing: • The rising edge occurs 8 clock cycles after the LOAD_PULSE falling edge. 7.6.2.1 Idle time Idle Time consists of: • The fixed RST_CDS pulse width (2 µs), plus • The interval between the SAMPLE falling edge and RST_CVC/RST_CDS rising edge (≥ 7 clock cycles). |