전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

301020013 데이터시트(PDF) 45 Page - ams-OSRAM AG

부품명 301020013
상세설명  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSOSRAM [ams-OSRAM AG]
홈페이지  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 데이터시트(HTML) 45 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 41Page - ams-OSRAM AG 301020013 Datasheet HTML 42Page - ams-OSRAM AG 301020013 Datasheet HTML 43Page - ams-OSRAM AG 301020013 Datasheet HTML 44Page - ams-OSRAM AG 301020013 Datasheet HTML 45Page - ams-OSRAM AG 301020013 Datasheet HTML 46Page - ams-OSRAM AG 301020013 Datasheet HTML 47Page - ams-OSRAM AG 301020013 Datasheet HTML 48Page - ams-OSRAM AG 301020013 Datasheet HTML 49Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 109 page
background image
Dragster
Digital interface
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
45 / 109
/
8
Digital interface
The sensor features two different types of control interfaces: SPI interface (using on chip
registers) and digital control lines.
8.1
Digital control lines
The digital control lines allows a dynamic control that grant maximum flexibility for readout
control operations, CVC control, CDS control and test control signals. Most of these signals
changes the logic state during pixel integration and readout that cannot be done using static
configuration, due to read and write operation times.
Table 14: Digital control lines
Signal
DIG In/Out
Function
N_RESET
In
Low active global reset signal
RST_CVC
In
Reset signal to CVC block
RST_CDS
In
Reset signal to CDS block
SAMPLE
In
Performs the signal sampling at the ADC input
LOAD_PULSE
In
Starts the readout of last converted line
END_ADC
Out
Indication from counter being in reset
LVAL
Out
When at high informs that the line data is valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More