| 전자부품 데이터시트 검색엔진 |
|
301020013 데이터시트(PDF) 39 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
301020013 데이터시트(HTML) 39 Page - ams-OSRAM AG |
|
39 / 109 page ![]() Dragster Functional description Datasheet • PUBLIC • Document Feedback DS000444 • v5-00 • 2025-Aug-29 39 / 109 / 7.5.5 Tap organization DR2x2K7_RGB, DR2x4K7_RGB, DR2x8K7_RGB Figure 21: Tap organization DR2x2K7_RGB, DR2x4K7_RGB, DR2x8K7_RGB 7.6 Timings For proper sensor operation, the digital control signals must set with correct timings. This section shows the recommended Dragster timings. 7.6.1 Timing diagram considerations When stated a value in time (usually ns or µs), this is a fixed or minimum value. 7.6.2 Dragster interleaved integration timing The sensor enables interleaved integration, A/D conversion and readout, where the next integration is performed after the previous one, during A/D conversion and Readout. Therefore, the overall pipeline delay is two minimum line times. ... 8222 8223 8224 ... 8222 8223 8224 1 2 ... 33 34 ... 2079 2080 ... 4127 4128 ... 6177 6178 31 32 2081 208 2 4129 4130 6179 6180 Tap A1 Tap B1 4131 Tap A2 Tap B2 617 4 6175 617 6 Tap E1 Tap F1 Tap E2 Tap F2 Bottom, Connector 1 Bottom, Connector 3 1 2 ... 33 34 ... 2079 2080 ... 4127 4128 ... 6177 6178 31 32 2081 208 2 4129 4130 6179 6180 4131 617 4 6175 617 6 Tap C1 Tap D1 Tap C2 Tap D2 Tap G1 Tap H1 Tap G2 Tap H2 2x2K7 2x4K7 2x8K7 Top, Connector 2 Top, Connector 4 |